전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMART1500SLT 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 SMART1500SLT
상세설명  SmartPro 1.5kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1500SLT 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  SMART1500SLT Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1500SLT Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1500SLT Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1500SLT Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1500SLT Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1500SLT Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1500SLT Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category A (EMI)
WARRANTY
Product Warranty Period (Worldwide)
2-year warranty, 3 year with registration. Note: Registration is required for 3-year warranty.
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$250,000 Ultimate Lifetime Insurance
Related Items
Optional Products
Model Number
Description
Qty.
SNMPWEBCARD
For remote monitoring and control via SNMP, Web, or Telnet.
1
ENVIROSENSE
Monitors temperature, humidity and contact-closure inputs. (Requires SNMPWEBCARD or switched
PDU.)
1
MODBUSCARD
For remote monitoring and control via MODBUS protocol
1
WEXT5-500-1500
5-Year Extended Warranty - For Smart Line-Interactive and Online Tower or Rack models, 1500VA
or less
1
RBC36-SLT
UPS Replacement Battery Cartridge for select Tripp Lite SLT UPS
1
WATCHDOGSW
WatchDog Service Monitoring / Reboot Software
1
PDUB15
Dual source Power Distribution Unit / PDU with Manual Transfer Switch enables Hot-swappable
UPS Replacement in Critical Network Applications
1
PDU1215
Basic PDU / Power Distribution Unit - Safe, reliable power distribution for critical networking
equipment
1
PDUNV
Basic PDU / Power Distribution Unit - Safe, reliable power distribution for critical networking
equipment
1
PDUMH15
Metered PDU / Power Distribution Unit - Safe, reliable power distribution with digital current meter
1
PDUMH15AT
Metered PDU with ATS - Power Distribution Unit with dual-input Auto Transfer Switching
1
PDUMNH15
Monitored PDU / Power Distribution Unit supports real-time remote monitoring of load level, voltage
and frequency with options for remote environmental and security monitoring
1
PDUMNV15
Monitored PDU / Power Distribution Unit supports real-time remote monitoring of load level, voltage
and frequency with options for remote environmental and security monitoring
1
PDUMH15ATNET
Switched, Metered PDU with ATS - Power Distribution Unit with dual-input Auto Transfer Switching,
individual outlet control and remote network interface
1
PDUMV15NET
Switched, Metered PDU with Remote Monitoring - 0U Vertical Rackmount Power Distribution Unit
for Networks with Individually Switchable Outlets, Current Metering, Remote Monitoring and Control
1
P007-002
2-ft. Heavy-Duty 14AWG Power cord
(IEC-320-C13 to NEMA 5-15P)
1
P007-006
6-ft. Heavy-Duty 14AWG Power cord
(IEC-320-C13 to NEMA 5-15P)
1
5 / 6


유사한 부품 번호 - SMART1500SLT

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
SMART1500SLT TRIPPLITE-SMART1500SLT_15 Datasheet
508Kb / 5P
   SmartPro 100-110-120V 1.5kVA 900W Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
More results

유사한 설명 - SMART1500SLT

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SMX750SLT ETC2-SMX750SLT Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial
SMART1500RM2U ETC2-SMART1500RM2U Datasheet
516Kb / 7P
   SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower
SMART3000SLT ETC2-SMART3000SLT Datasheet
509Kb / 6P
   SmartPro 3kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial, EPO 120V
SMART5000TEL3U ETC2-SMART5000TEL3U Datasheet
521Kb / 6P
   SmartPro 5kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, 3U Rack/Tower, USB
SMART1050SLT ETC2-SMART1050SLT Datasheet
518Kb / 7P
   SmartPro 1.05kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial 100/110/120V
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
   SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
logo
Tripp Lite. All Rights ...
SMX1500SLT TRIPPLITE-SMX1500SLT Datasheet
500Kb / 5P
   SmartPro 230V 1.5kVA 900W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, Serial
logo
List of Unclassifed Man...
SMART1500RMXL2UA ETC2-SMART1500RMXL2UA Datasheet
518Kb / 7P
   SmartPro 1.5kVA 1350W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART1500CRMXL ETC2-SMART1500CRMXL Datasheet
500Kb / 7P
   SmartPro 1.5kVA 1440W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
SMART1500XL ETC2-SMART1500XL Datasheet
510Kb / 7P
   SmartPro 1.5kVA Line Interactive UPS Extended-run option, Tower, USB, Serial, 120V
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com