전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STF32NM50N 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STF32NM50N
상세설명  N-channel 500 V, 0.1typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF32NM50N 데이터시트(HTML) 3 Page - STMicroelectronics

  STF32NM50N Datasheet HTML 1Page - STMicroelectronics STF32NM50N Datasheet HTML 2Page - STMicroelectronics STF32NM50N Datasheet HTML 3Page - STMicroelectronics STF32NM50N Datasheet HTML 4Page - STMicroelectronics STF32NM50N Datasheet HTML 5Page - STMicroelectronics STF32NM50N Datasheet HTML 6Page - STMicroelectronics STF32NM50N Datasheet HTML 7Page - STMicroelectronics STF32NM50N Datasheet HTML 8Page - STMicroelectronics STF32NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
STB32NM50N, STF32NM50N, STP32NM50N, STW32NM50N
Electrical ratings
Doc ID 023436 Rev 1
3/21
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
D²PAK, TO-220,
TO-247
TO-220FP
VDS
Drain-source voltage
500
V
VGS
Gate- source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
22
22 (1)
1.
Limited by maximum junction temperature.
A
ID
Drain current (continuous) at TC = 100 °C
13.86
13.86 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
88
88
A
PTOT
Total dissipation at TC = 25 °C
190
35
W
IAR
Avalanche current, repetitive or not-
repetitive (pulse width limited by TJ max)
7A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAR, VDD = 50 V)
340
mJ
dv/dt(3)
3.
ISD ≤ 22 A, di/dt ≤ 400 A/µs, VDS peak ≤V(BR)DSS, VDD ≤ 80% V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from
all three leads to external heat sink
(t = 1 s; TC = 25 °C)
2500
V
Tstg
Storage temperature
- 55 to 150
°C
TJ
Max. operating junction temperature
150
Table 3.
Thermal data
Symbol
Parameter
D²PAK
TO-220FP TO-220 TO-247
Unit
Rthj-case Thermal resistance junction-case max
0.66
3.6
0.66
°C/W
Rthj-amb Thermal resistance junction-ambient max
62.5
50
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1 inch², 2 oz Cu.
Thermal resistance junction-pcb max
30


유사한 부품 번호 - STF32NM50N

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
STF32NM50N ISC-STF32NM50N Datasheet
265Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - STF32NM50N

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP32NM50N STMICROELECTRONICS-STP32NM50N Datasheet
1Mb / 21P
   N-channel 500 V, 0.1 廓 typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
STB23NM50N STMICROELECTRONICS-STB23NM50N Datasheet
867Kb / 21P
   N-channel 500 V, 0.162 廓, 17 A TO-220, TO-220FP, TO-247, D짼PAK MDmesh??II Power MOSFET
STD14NM50N STMICROELECTRONICS-STD14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STB14NM50N STMICROELECTRONICS-STB14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STF18NM80 STMICROELECTRONICS-STF18NM80 Datasheet
1Mb / 21P
   N-channel 800 V, 0.25 廓, 17 A, MDmesh??Power MOSFET in D짼PAK, TO-220FP, TO-220 and TO-247 packages
STF30N65M5 STMICROELECTRONICS-STF30N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.125 廓, 22 A, MDmesh??V Power MOSFET D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
September 2011 Rev 3
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STD13NM60N STMICROELECTRONICS-STD13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STB28NM60ND STMICROELECTRONICS-STB28NM60ND Datasheet
1Mb / 22P
   N-channel 600 V, 0.13 廓 typ., 23 A FDmesh??II Power MOSFETs in D짼PAK, TO-220FP, TO-220 and TO-247 packages
May 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com