전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC458K 데이터시트(PDF) 5 Page - Hitachi Semiconductor

부품명 2SC458K
상세설명  Silicon NPN Epitaxial
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC458K 데이터시트(HTML) 5 Page - Hitachi Semiconductor

  2SC458K Datasheet HTML 1Page - Hitachi Semiconductor 2SC458K Datasheet HTML 2Page - Hitachi Semiconductor 2SC458K Datasheet HTML 3Page - Hitachi Semiconductor 2SC458K Datasheet HTML 4Page - Hitachi Semiconductor 2SC458K Datasheet HTML 5Page - Hitachi Semiconductor 2SC458K Datasheet HTML 6Page - Hitachi Semiconductor 2SC458K Datasheet HTML 7Page - Hitachi Semiconductor 2SC458K Datasheet HTML 8Page - Hitachi Semiconductor 2SC458K Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2SC458 (K)
5
Collector to Emitter Saturation
Voltage vs. Base Current
1.0
0.8
0.6
0.4
0.2
0
0.02
0.1
0.5
2
10
0.05
0.2
Base Current IB (mA)
1.0
20
5
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
VCE = 1 V
240
200
160
120
80
40
0
0.5
5
20
100
210
50
1.0
Ta = 100
°C
75
50
25
0
–25
–50
Base to Emitter Saturation Voltage vs.
Collector Current
Collector Current IC (mA)
1.2
1.0
0.8
0.6
0.4
0.2
0
100
110
520
50
2
IC = 10 IB
Ta = 75°
C
–25
25
Collector to Emitter Saturation
Voltage vs. Collector Current
IC = 10 IB
Ta = 25
°C
–50
Collector Current IC (mA)
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
1
5
20
100
10
50
2


유사한 부품 번호 - 2SC458K

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SC458 HITACHI-2SC458 Datasheet
27Kb / 6P
   Silicon NPN Epitaxial
2SC458 HITACHI-2SC458 Datasheet
41Kb / 9P
   Silicon NPN Epitaxial
logo
Hitachi Metals, Ltd
2SC458 HITACHI-METALS-2SC458 Datasheet
27Kb / 6P
   Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC458 RENESAS-2SC458 Datasheet
182Kb / 7P
   Silicon NPN Epitaxial
logo
New Jersey Semi-Conduct...
2SC458 NJSEMI-2SC458 Datasheet
98Kb / 1P
   SILICON NPN
More results

유사한 설명 - 2SC458K

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com