전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC458K 데이터시트(PDF) 3 Page - Hitachi Semiconductor

부품명 2SC458K
상세설명  Silicon NPN Epitaxial
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC458K 데이터시트(HTML) 3 Page - Hitachi Semiconductor

  2SC458K Datasheet HTML 1Page - Hitachi Semiconductor 2SC458K Datasheet HTML 2Page - Hitachi Semiconductor 2SC458K Datasheet HTML 3Page - Hitachi Semiconductor 2SC458K Datasheet HTML 4Page - Hitachi Semiconductor 2SC458K Datasheet HTML 5Page - Hitachi Semiconductor 2SC458K Datasheet HTML 6Page - Hitachi Semiconductor 2SC458K Datasheet HTML 7Page - Hitachi Semiconductor 2SC458K Datasheet HTML 8Page - Hitachi Semiconductor 2SC458K Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SC458 (K)
3
Small Signal h Parameters
Item
Symbol
Typ
Unit
Test conditions
Input impedance
h
ie
16.5
k
V
CE = 5 V, IC = 0.1 mA,
f = 270 Hz
Voltage feedback ratio
h
re
70
× 10–6
Current transfer ratio
h
fe
130
Output admittance
h
oe
11
µS
+
+
Switching Time Test Circuit
ton, toff Test Circuit
D.U.T
CRT
50
–6 V
6 k
6 k
1 k
10 V
50
µ
50
µ
0.005
µ
0.005
µ
Unit
P.G.
tr, tf
20 ns
PW
2
µs
R:
C:F
<
=
>
=
+
+
Switching Time Test Circuit
tstg Test Circuit
D.U.T
CRT
200
7 V
100
0.5
µ 220
240
5 V
50
µ
50
µ
0.002
µ
0.002
µ
Unit
P.G.
tr
10 ns
PW
1
µs
R:
C:F
<
=
>
=
Response Waveform
13 V
0
90%
10%
ton
toff
Input
Output
IC
IB1
IB2
VCC
VBB
Vin
10 mA
1 mA
–1 mA
10 V
–6 V
13 V
Response Waveform
–9 V
0
Input
Output
10%
10%
tstg
IC
IB1
IB2
VCC
VBB
Vin
20 mA 20 mA –20 mA
5 V
7 V
–9 V


유사한 부품 번호 - 2SC458K

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SC458 HITACHI-2SC458 Datasheet
27Kb / 6P
   Silicon NPN Epitaxial
2SC458 HITACHI-2SC458 Datasheet
41Kb / 9P
   Silicon NPN Epitaxial
logo
Hitachi Metals, Ltd
2SC458 HITACHI-METALS-2SC458 Datasheet
27Kb / 6P
   Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC458 RENESAS-2SC458 Datasheet
182Kb / 7P
   Silicon NPN Epitaxial
logo
New Jersey Semi-Conduct...
2SC458 NJSEMI-2SC458 Datasheet
98Kb / 1P
   SILICON NPN
More results

유사한 설명 - 2SC458K

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com