전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC2310 데이터시트(PDF) 6 Page - Hitachi Semiconductor

부품명 2SC2310
상세설명  Silicon NPN Epitaxial
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC2310 데이터시트(HTML) 6 Page - Hitachi Semiconductor

  2SC2310 Datasheet HTML 1Page - Hitachi Semiconductor 2SC2310 Datasheet HTML 2Page - Hitachi Semiconductor 2SC2310 Datasheet HTML 3Page - Hitachi Semiconductor 2SC2310 Datasheet HTML 4Page - Hitachi Semiconductor 2SC2310 Datasheet HTML 5Page - Hitachi Semiconductor 2SC2310 Datasheet HTML 6Page - Hitachi Semiconductor 2SC2310 Datasheet HTML 7Page - Hitachi Semiconductor 2SC2310 Datasheet HTML 8Page - Hitachi Semiconductor 2SC2310 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SC458 (LG), 2SC2310
6
Contours of Constant Noise Figure
0.1
0.2
0.5
1.0
2
5
10
Collector Current IC (mA)
0.05
0.1
0.2
1.0
0.5
2.0
VCE = 6 V
f = 120 Hz
NF = 1dB
2
3
4
6
8
8
6
10
12
14
Contours of Constant Noise Figure
0.1
0.2
0.5
1.0
2
5
10
Collector Current IC (mA)
0.05
0.1
0.2
1.0
0.5
2.0
3
4
3
8
4
8
2
1.0
VCE = 6 V
f = 1 kHz
NF = 0.5 dB
Contours of Constant Noise Figure
0.1
0.2
0.5
1.0
2
5
10
Collector Current IC (mA)
0.05
0.1
0.2
1.0
0.5
2.0
1
2
VCE = 6 V
f = 10 kHz
NF
= 0.5
dB
4
1
4
2
Noise Figure vs. Frequency
0
100
1k
3k
300
10k
30k
30
2
4
6
8
10
Frequency f (Hz)
IC = 0.1 mA
Rg = 500 Ω
VCE = 6 V


유사한 부품 번호 - 2SC2310

제조업체부품명데이터시트상세설명
logo
Foshan Blue Rocket Elec...
2SC2310 FOSHAN-2SC2310 Datasheet
820Kb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
More results

유사한 설명 - 2SC2310

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com