전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

31073-1071 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

부품명 31073-1071
상세내용  2.54mm H-DAC 64, 6 Way Male Housing Assembly, Single Row, Polarization B
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo 

31073-1071 데이터시트(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
/ 1 page
 1 / 1 page
background image
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
31073-1071
Status:
Active
Overview:
H-DAC 64™ Unsealed Connector System
Description:
2.54mm H-DAC 64™, 6 Way Male Housing Assembly, Single Row, Polarization B, with
Xmas Tree Attachment
Documents:
3D Model
Application Specification AS-31067-100 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-34646-001 (PDF)
General
Product Family
Crimp Housings
Series
31073
Application
Power, Wire-to-Wire
Comments
Polarization Option B, Gray
Overview
H-DAC 64™ Unsealed Connector System
Product Name
H-DAC 64™
UPC
756054393154
Physical
Circuits (maximum)
6
Circuits Detail
6
Color - Resin
Gray
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Modified Polystyrene, Polyester
Net Weight
3.024/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +100°C
Electrical
Current - Maximum per Contact
11A, 9A
Material Info
Reference - Drawing Numbers
Application Specification
AS-31067-100
Product Specification
PS-34646-001
Sales Drawing
SD-31110-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
31073Series
Mates With
HDAC 64™, 6 Way Receptacle Assembly
31073-1011
Use With
See Product Spec
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn