전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD2115S 데이터시트(PDF) 3 Page - Hitachi Semiconductor

부품명 2SD2115S
상세설명  Silicon NPN Epitaxial Planar(Low frequency power amplifier)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD2115S 데이터시트(HTML) 3 Page - Hitachi Semiconductor

  2SD2115S Datasheet HTML 1Page - Hitachi Semiconductor 2SD2115S Datasheet HTML 2Page - Hitachi Semiconductor 2SD2115S Datasheet HTML 3Page - Hitachi Semiconductor 2SD2115S Datasheet HTML 4Page - Hitachi Semiconductor 2SD2115S Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SD2115(L)/(S)
3
TC = 25°C
IB = 0
1.0
0.8
0.6
0.4
0.2
0
2
Collector to emitter voltage VCE (V)
6
410
8
Typical Output Characteristics
0.5 mA
1
1.5
2
2.5
3.5
4.5
4
3
5
1,000
300
30
100
10
0.03
0.1
0.3
Collector current IC (A)
1.0
3.0
VCE = 5 V
Ta = 25
°C
DC Current Transfer Ratio
vs. Collector Current
Collector to Emitter Saturation Voltage
vs. Base Current
10
3.0
1.0
0.3
0.1
2
10
30
100
200
Base current IB (mA)
Ta = 25
°C
IC = 2 A
1.5 A
1 A
Saturation Voltage
vs. Collector Current
10
3
1.0
0.3
0.1
0.03
0.01
0.03
0.1
1.0
Collector current IC (A)
0.3
3.0
VBE(sat)
VCE(sat)
IC = 20 IB
Ta = 25
°C


유사한 부품 번호 - 2SD2115S

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SD2115S RENESAS-2SD2115S Datasheet
145Kb / 6P
   Silicon NPN Epitaxial Planar
logo
Guangdong Kexin Industr...
2SD2115S KEXIN-2SD2115S Datasheet
37Kb / 1P
   Silicon NPN Epitaxial
More results

유사한 설명 - 2SD2115S

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SC1214 HITACHI-2SC1214 Datasheet
37Kb / 7P
   Silicon NPN Epitaxial Low frequency amplifier
logo
KEC(Korea Electronics)
KTC3265 KEC-KTC3265 Datasheet
250Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER,POWER SWITCHING)
logo
Sanyo Semicon Device
MCH4020 SANYO-MCH4020_12 Datasheet
470Kb / 11P
   NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
logo
Wing Shing Computer Com...
2SC1061 WINGS-2SC1061 Datasheet
69Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SC1827 WINGS-2SC1827 Datasheet
69Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SC2233 WINGS-2SC2233 Datasheet
65Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD1437 WINGS-2SD1437 Datasheet
69Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
2SD613 WINGS-2SD613 Datasheet
69Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Sanyo Semicon Device
MCH4021 SANYO-MCH4021 Datasheet
276Kb / 9P
   NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
logo
Renesas Technology Corp
2SD2655 RENESAS-2SD2655 Datasheet
69Kb / 6P
   Silicon NPN Epitaxial Planer Low Frequency Power Amplifier
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com