전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD2122S 데이터시트(PDF) 4 Page - Hitachi Semiconductor

부품명 2SD2122S
상세설명  Silicon NPN Epitaxial
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD2122S 데이터시트(HTML) 4 Page - Hitachi Semiconductor

  2SD2122S Datasheet HTML 1Page - Hitachi Semiconductor 2SD2122S Datasheet HTML 2Page - Hitachi Semiconductor 2SD2122S Datasheet HTML 3Page - Hitachi Semiconductor 2SD2122S Datasheet HTML 4Page - Hitachi Semiconductor 2SD2122S Datasheet HTML 5Page - Hitachi Semiconductor 2SD2122S Datasheet HTML 6Page - Hitachi Semiconductor 2SD2122S Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SD2122(L)/(S), 2SD2123(L)/(S)
4
0.01
0.03
0.1
0.3
1.0
Collector current IC (A)
0.03
0.1
0.3
1.0
3.0
Saturation Voltage vs. Collector Current
Ta = 25
°C
lC = 10 lB
0.1
0.3
1.0
3.0
10
Collector current IC (A)
0.03
0.1
0.3
1.0
3.0
Saturation Voltage vs. Collector Current
Ta = 25
°C
lC = 10 lB
Base to emitter voltage VBE (V)
0
Typical Transfer Characteristics
0.4
0.8
1.2
2.0
1.6
0.4
0.8
1.2
1.6
2.0
VCE = 5 V
Ta = 25
°C
10
30
100
300
1,000
Collector current IC (A)
0.01
0.03
0.1
0.3
1.0
Gain Bandwidth Product
vs. Collector Current
VCE = 5 V
Ta = 25
°C


유사한 부품 번호 - 2SD2122S

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SD2122S RENESAS-2SD2122S Datasheet
152Kb / 8P
   Silicon NPN Epitaxial
logo
Guangdong Kexin Industr...
2SD2122S KEXIN-2SD2122S Datasheet
39Kb / 1P
   Silicon NPN Epitaxial
More results

유사한 설명 - 2SD2122S

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com