전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ247 데이터시트(PDF) 5 Page - Hitachi Semiconductor

부품명 2SJ247
상세설명  Silicon P-Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ247 데이터시트(HTML) 5 Page - Hitachi Semiconductor

  2SJ247 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ247 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ247 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ247 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ247 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ247 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ247 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ247 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SJ247
5
Body-Drain Diode Reverse
Recovery Time
Reverse Drain Current I
(A)
DR
–0.2
–0.5
–1
–2
–5
–10 –20
0.5
10
20
50
100
200
500
di/dt = 50 A/ s
V
= 0
µ
GS
Typical Capacitance
vs. Drain-Source Voltage
10000
3000
1000
300
100
30
10
0
–10
–20
–30
–40
–50
Drain to Source Voltage
V
(V)
DS
Ciss
Coss
Crss
V
= 0, f = 1 MHz
GS
Dynamic Input Characteristics
0
–20
–40
–60
–80
–100
0
10
2030
4050
0
–4
–8
–12
–16
–20
Gate Charge Qg (nc)
V
= –10 V
–25 V
–50 V
DD
–50 V
–25 V
V
= –10 V
DD
V
I = –8 A
DS
D
VGS
Switching Characteristics
Drain Current
I
(A)
D
–0.1 –0.2
–0.5
–1
–2
–5
–10
5
10
20
50
100
200
500
t
t
t (off)
V
= –10 V, V
= –30 V
Pw = 2 s, duty
1%
GS
µ
DD .:
t (on)
d
f
r
d


유사한 부품 번호 - 2SJ247

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SJ247 RENESAS-2SJ247 Datasheet
81Kb / 7P
   Silicon P Channel MOS FET
2SJ247-E RENESAS-2SJ247-E Datasheet
81Kb / 7P
   Silicon P Channel MOS FET
2SJ247 RENESAS-2SJ247_15 Datasheet
101Kb / 9P
   Silicon P Channel MOS FET
More results

유사한 설명 - 2SJ247

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com