전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML22Q563-NNNMB 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 ML22Q563-NNNMB
상세설명  4-Channel Mixing Speech Synthesis LSI
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q563-NNNMB 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML22Q563-NNNMB Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22Q563-NNNMB Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22Q563-NNNMB Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22Q563-NNNMB Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22Q563-NNNMB Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q563-NNNMB Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22Q563-NNNMB Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22Q563-NNNMB Datasheet HTML 11Page - List of Unclassifed Manufacturers ML22Q563-NNNMB Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
FEDL2256X-06
ML22Q563/ML2256X
ELECTRICAL CHARACTERISTICS
DC Characteristics (3 V)
DVDD = SPVDD = 2.7 to 3.6 V, DGND = SPGND = 0 V, Ta = −40 to +85°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
“H” input voltage
VIH
0.86
×DVDD
DVDD
V
“L” input voltage
VIL
0
0.14
×DVDD
V
“H” output voltage 1
VOH1
IOH = −1 mA
DVDD − 0.4
V
“H” output voltage 2 (*1)
VOH2
IOH = −50 µA
DVDD − 0.4
V
“L” output voltage 1
VOL1
IOL = 2 mA
0.4
V
“L” output voltage 2 (*1)
VOL2
IOL = 50 µA
0.4
V
IOOH
VOH = DVDD (CSB=“H”)
10
µA
Output leakage current(*2)
IOOL
VOL = DGND(CSB=“H”)
−10
µA
“H” input current 1
IIH1
VIH = DVDD
10
µA
“H” input current 2 (*3)
IIH2
VIH = DVDD
0.3
2.0
15
µA
“H” input current 3 (*4)
IIH3
VIH = DVDD
2
30
200
µA
“L” input current 1
IIL1
VIL = DGND
−10
µA
“L” input current 2 (*3)
IIL2
VIL = DGND
−15
−2.0
−0.3
µA
“L” input current 3 (*5)
IIL3
VIL = DGND
−200
–30
–2
µA
Supply current during
playback 1
IDD1
fOSC = 4.096 MHz
fs=48kHz, f=1kHz,
When 16bitPCM
Playback
No output load
41
mA
Supply current during
playback 2
IDD2
fOSC = 4.096 MHz
During silence playback
No output load
38
mA
Ta =
−40 to +55°C
10
µA
Power-down supply
current (*6)
IDDS1
Ta =
−40 to +85°C
20
µA
Ta =
−40 to +55°C
50
µA
Power-down supply
current (*7)
IDDS1
Ta =
−40 to +85°C
100
µA
*1: Applies to the XTB pin.
*2: Applies to the SO and TESTO pins.
*3: Applies to the XT pin.
*4: Applies to the TESTI0 and TESTI1 pins.
*5: Applies to the RESETB, TEST2, TEST3 and TEST4 pins.
*6: Applies to the ML2256X.
*7: Applies to the ML22Q563.
8/66


유사한 부품 번호 - ML22Q563-NNNMB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ML22Q563 ETC2-ML22Q563 Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
More results

유사한 설명 - ML22Q563-NNNMB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
   4-Channel Mixing Speech Synthesis LSI
logo
OKI electronic componet...
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL22Q553-04 ETC2-FEDL22Q553-04 Datasheet
1Mb / 70P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com