전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ479L 데이터시트(PDF) 4 Page - Hitachi Semiconductor

부품명 2SJ479L
상세설명  Silicon P Channel DV-L MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ479L 데이터시트(HTML) 4 Page - Hitachi Semiconductor

  2SJ479L Datasheet HTML 1Page - Hitachi Semiconductor 2SJ479L Datasheet HTML 2Page - Hitachi Semiconductor 2SJ479L Datasheet HTML 3Page - Hitachi Semiconductor 2SJ479L Datasheet HTML 4Page - Hitachi Semiconductor 2SJ479L Datasheet HTML 5Page - Hitachi Semiconductor 2SJ479L Datasheet HTML 6Page - Hitachi Semiconductor 2SJ479L Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SJ479(L), 2SJ479(S)
4
Main Characteristics
100
75
50
25
0
50
100
150
200
–500
–200
–100
–20
–50
–10
–2
–5
–1
–0.5
–0.1 –0.3
–1
–3
–10
–30
–100
1 ms
Ta = 25
°C
PW
=
10
ms
(1shot)
10
µs
Case Temperature Tc (
°C)
Power vs. Temperature Derating
Drain to Source Voltage V
(V)
DS
Maximun Safe Operation Area
Operation in
this area is
limited by R DS(on)
3
1
0.3
0.1
0.03
0.01
10
µ
100
µ
1 m
10 m
100 m
1
10
DM
P
PW
T
D =
PW
T
ch – c(t) = s (t) •
ch – c
ch – c = 2.5
°C/W, Tc = 25 °C
θ
γ
θ
θ
Tc = 25
°C
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width


유사한 부품 번호 - 2SJ479L

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SJ479L RENESAS-2SJ479L Datasheet
91Kb / 8P
   Silicon P Channel MOS FET
2SJ479L-E RENESAS-2SJ479L-E Datasheet
91Kb / 8P
   Silicon P Channel MOS FET
More results

유사한 설명 - 2SJ479L

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ471 HITACHI-2SJ471 Datasheet
47Kb / 10P
   Silicon P Channel DV-L MOS FET High Speed Power Switching
2SK2736 HITACHI-2SK2736 Datasheet
34Kb / 7P
   Silicon N Channel DV-L MOS FET High Speed Power Switching
2SK2684 HITACHI-2SK2684 Datasheet
51Kb / 10P
   Silicon N Channel DV-L MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ471 RENESAS-2SJ471 Datasheet
83Kb / 7P
   Silicon P Channel DV-L MOS FET
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com