전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ479S 데이터시트(PDF) 3 Page - Hitachi Semiconductor

부품명 2SJ479S
상세설명  Silicon P Channel DV-L MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ479S 데이터시트(HTML) 3 Page - Hitachi Semiconductor

  2SJ479S Datasheet HTML 1Page - Hitachi Semiconductor 2SJ479S Datasheet HTML 2Page - Hitachi Semiconductor 2SJ479S Datasheet HTML 3Page - Hitachi Semiconductor 2SJ479S Datasheet HTML 4Page - Hitachi Semiconductor 2SJ479S Datasheet HTML 5Page - Hitachi Semiconductor 2SJ479S Datasheet HTML 6Page - Hitachi Semiconductor 2SJ479S Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SJ479(L), 2SJ479(S)
3
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V
(BR)DSS
–30
V
I
D = –10mA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
——V
I
G = ±100µA, VDS = 0
Zero gate voltege drain
current
I
DSS
–10
µAV
DS = –30 V, VGS = 0
Gate to source leak current
I
GSS
——
±10
µAV
GS = ±16V, VDS = 0
Gate to source cutoff voltage
V
GS(off)
–1.0
–2.0
V
I
D = –1mA, VDS = –10V
Static drain to source on state R
DS(on)
2535m
I
D = –15A, VGS = –10V
Note3
resistance
R
DS(on)
4060m
I
D = –15A, VGS = –4V
Note3
Forward transfer admittance
|y
fs|
1220—
S
I
D = –15A, VDS = –10V
Note3
Input capacitance
Ciss
1700
pF
V
DS = –10V
Output capacitance
Coss
950
pF
V
GS = 0
Reverse transfer capacitance Crss
260
pF
f = 1MHz
Turn-on delay time
t
d(on)
20
ns
V
GS = –10V, ID = –15A
Rise time
t
r
290
ns
R
L = 0.67Ω
Turn-off delay time
t
d(off)
170
ns
Fall time
t
f
130
ns
Body to drain diode forward
voltage
V
DF
–1.1
V
I
F = –30A, VGS = 0
Body to drain diode reverse
recovery time
t
rr
70
ns
I
F = –30A, VGS = 0
diF/ dt = 50A/
µs
Note:
3. Pulse test
See characteristic curves of 2SJ471


유사한 부품 번호 - 2SJ479S

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SJ479S RENESAS-2SJ479S Datasheet
91Kb / 8P
   Silicon P Channel MOS FET
2SJ479STL-E RENESAS-2SJ479STL-E Datasheet
91Kb / 8P
   Silicon P Channel MOS FET
More results

유사한 설명 - 2SJ479S

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ471 HITACHI-2SJ471 Datasheet
47Kb / 10P
   Silicon P Channel DV-L MOS FET High Speed Power Switching
2SK2736 HITACHI-2SK2736 Datasheet
34Kb / 7P
   Silicon N Channel DV-L MOS FET High Speed Power Switching
2SK2684 HITACHI-2SK2684 Datasheet
51Kb / 10P
   Silicon N Channel DV-L MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ471 RENESAS-2SJ471 Datasheet
83Kb / 7P
   Silicon P Channel DV-L MOS FET
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com