전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ542 데이터시트(PDF) 4 Page - Hitachi Semiconductor

부품명 2SJ542
상세설명  Silicon P Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ542 데이터시트(HTML) 4 Page - Hitachi Semiconductor

  2SJ542 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ542 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ542 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ542 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ542 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ542 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ542 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ542 Datasheet HTML 8Page - Hitachi Semiconductor 2SJ542 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SJ542
4
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
–4
–8
–12
–16
–20
–1
–5
–20
–100
–2
–10
–50
1
0.2
0.01
–40
0
40
80
120
160
0
0.05
0.02
0.1
0.5
–0.1
–1
–10
–100
–0.3
–3
–30
100
10
0.1
1
0.3
3
30
I
= –20 A
D
–10 A
–5 A
V
= –4 V
GS
–10 V
0.30
0.25
0.20
0.15
0.10
0.05
–5, –10, –20 A
V
= –4 V
GS
–10 V
I
= –20 A
D
–5, –10 A
25 °C
Tc = –25 °C
75 °C
DS
V
= –10 V
Pulse Test
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Static Drain to Source on State Resistance
vs. Drain Current
Case Temperature
Tc
(°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
Pulse Test
Pulse Test
Pulse Test
Gate to Source Voltage
V
(V)
GS
Drain Current
I
(A)
D


유사한 부품 번호 - 2SJ542

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SJ542 RENESAS-2SJ542 Datasheet
87Kb / 8P
   Silicon P Channel MOS FET
2SJ542-E RENESAS-2SJ542-E Datasheet
87Kb / 8P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
More results

유사한 설명 - 2SJ542

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ220L HITACHI-2SJ220L Datasheet
171Kb / 1P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ505 HITACHI-2SJ505 Datasheet
54Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ506 HITACHI-2SJ506 Datasheet
50Kb / 10P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ526 HITACHI-2SJ526 Datasheet
51Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ527 HITACHI-2SJ527 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com