전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC6602 데이터시트(PDF) 1 Page - Stanson Technology

부품명 STC6602
상세설명  Dual N&P Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STANSON [Stanson Technology]
홈페이지  http://www.stansontech.com
Logo STANSON - Stanson Technology

STC6602 데이터시트(HTML) 1 Page - Stanson Technology

  STC6602 Datasheet HTML 1Page - Stanson Technology STC6602 Datasheet HTML 2Page - Stanson Technology STC6602 Datasheet HTML 3Page - Stanson Technology STC6602 Datasheet HTML 4Page - Stanson Technology STC6602 Datasheet HTML 5Page - Stanson Technology STC6602 Datasheet HTML 6Page - Stanson Technology STC6602 Datasheet HTML 7Page - Stanson Technology STC6602 Datasheet HTML 8Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
STC6602
Dual N&P Channel Enhancement Mode
MOSFET
2.8A/-2.8A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
http://www.stansontech.com
STC6602 2007. V1
DESCRIPTION
The STC6602 is the dual N&P-Channel enhancement mode power field effect transistor
which is produced using high cell density, DMOS trench technology. This high density
process is especially tailored to minimize on-state resistance. These devices are particularly
suited for low voltage application, such as notebook computer power management and
other battery powered circuits, where high-side switching is required.
PIN CONFIGURATION
TSOP-6
Y: Year
A: Week Code
ORDERING INFORMATION
Part Number
Package
Part Marking
STC6602ST6RG
TSOP-6
02YW
Week Code Code : A ~ Z ; a ~ z
STC6602ST6RG
ST6 : TSOP-6; R: Tape Reel ; G: Pb – Free
FEATURE
02YW
D1
S1
D2
G1
S2
G2


유사한 부품 번호 - STC6602

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
STC6602 VBSEMI-STC6602 Datasheet
613Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
More results

유사한 설명 - STC6602

제조업체부품명데이터시트상세설명
logo
Anpec Electronics Corop...
APM4542K ANPEC-APM4542K Datasheet
153Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4548K ANPEC-APM4548K Datasheet
250Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542 ANPEC-APM4542 Datasheet
270Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9928 ANPEC-APM9928 Datasheet
292Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4532 ANPEC-APM4532 Datasheet
205Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Sinopower Semiconductor...
SM8403CSQ SINOPWER-SM8403CSQ Datasheet
279Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM3040CSU4 SINOPWER-SM3040CSU4 Datasheet
218Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM7309CSKP SINOPWER-SM7309CSKP Datasheet
326Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM1A40CSQ SINOPWER-SM1A40CSQ Datasheet
275Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Supertex, Inc
TC2320 SUTEX-TC2320_07 Datasheet
485Kb / 4P
   N- and P-Channel Enhancement-Mode Dual MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com