전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2937L-TQ5-T 데이터시트(PDF) 2 Page - E-Tech Electronics LTD

부품명 LM2937L-TQ5-T
상세설명  500mA LOW DROPOUT VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETL [E-Tech Electronics LTD]
홈페이지  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

LM2937L-TQ5-T 데이터시트(HTML) 2 Page - E-Tech Electronics LTD

  LM2937L-TQ5-T Datasheet HTML 1Page - E-Tech Electronics LTD LM2937L-TQ5-T Datasheet HTML 2Page - E-Tech Electronics LTD LM2937L-TQ5-T Datasheet HTML 3Page - E-Tech Electronics LTD LM2937L-TQ5-T Datasheet HTML 4Page - E-Tech Electronics LTD LM2937L-TQ5-T Datasheet HTML 5Page - E-Tech Electronics LTD LM2937L-TQ5-T Datasheet HTML 6Page - E-Tech Electronics LTD LM2937L-TQ5-T Datasheet HTML 7Page - E-Tech Electronics LTD LM2937L-TQ5-T Datasheet HTML 8Page - E-Tech Electronics LTD LM2937L-TQ5-T Datasheet HTML 9Page - E-Tech Electronics LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LM2937
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R102-012.I
ORDERING INFORMATION (Cont.)
PIN CONFIGURATION
PIN NO.
PIN NAME
SOT-223/TO-220
TO-263/TO-263-3
TO-263-5
1
4
Input
2
3
GND
3
5
Output
-
1
N/C
-
2
ON/OFF
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
TO-220
TO-263
TO-263-3
33 :3.3V
50 :5.0V
80 :8.0V
10 :10V
12 :12V
15 :15V
SOT-223
TO-263-5


유사한 부품 번호 - LM2937L-TQ5-T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
LM2937L-10-AA3-R UTC-LM2937L-10-AA3-R Datasheet
249Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937L-10-AA3-T UTC-LM2937L-10-AA3-T Datasheet
249Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937L-10-TA3-R UTC-LM2937L-10-TA3-R Datasheet
144Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937L-10-TA3-R UTC-LM2937L-10-TA3-R Datasheet
249Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937L-10-TA3-T UTC-LM2937L-10-TA3-T Datasheet
249Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results

유사한 설명 - LM2937L-TQ5-T

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com