전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4052BCSJ 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 CD4052BCSJ
상세설명  Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4052BCSJ 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  CD4052BCSJ Datasheet HTML 1Page - Fairchild Semiconductor CD4052BCSJ Datasheet HTML 2Page - Fairchild Semiconductor CD4052BCSJ Datasheet HTML 3Page - Fairchild Semiconductor CD4052BCSJ Datasheet HTML 4Page - Fairchild Semiconductor CD4052BCSJ Datasheet HTML 5Page - Fairchild Semiconductor CD4052BCSJ Datasheet HTML 6Page - Fairchild Semiconductor CD4052BCSJ Datasheet HTML 7Page - Fairchild Semiconductor CD4052BCSJ Datasheet HTML 8Page - Fairchild Semiconductor CD4052BCSJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The Electrical Characteristics tables provide conditions
for actual device operation.
DC Electrical Characteristics (Note 2)
DC Supply Voltage (VDD)
−0.5 V
DC to +18 VDC
Input Voltage (VIN)
−0.5 V
DC to VDD +0.5 VDC
Storage Temperature
Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
+5 V
DC to +15 VDC
Input Voltage (VIN)
0V to VDD VDC
Operating Temperature Range (TA)
CD4051BC/CD4052BC/CD4053BC
−55°C to +125°C
Symbol
Parameter
Conditions
−55°C
+25°
125
°C
Units
Min
Max
Min
Typ
Max
Min
Max
Control A, B, C and Inhibit
IIN
Input Current
VDD = 15V,
VEE = 0V
−0.1
−10−5
−0.1
−1.0
µA
VIN = 0V
VDD = 15V,
VEE = 0V
0.1
10−5
0.1
1.0
VIN = 15V
IDD
Quiescent Device Current
VDD = 5V
5
5
150
µA
VDD = 10V
10
10
300
VDD = 15V
20
20
600
Signal Inputs (VIS) and Outputs (VOS)
RON
“ON” Resistance (Peak
RL = 10 kΩ
VDD = 2.5V,
800
270
1050
1300
for VEE ≤ VIS ≤ VDD)
(any channel
VEE = −2.5V
selected)
or VDD = 5V,
VEE = 0V
VDD = 5V,
310
120
400
550
VEE = −5V
or VDD = 10V,
VEE = 0V
VDD = 7.5V,
200
80
240
320
VEE = −7.5V
or VDD = 15V,
VEE = 0V
∆R
ON
∆ “ON” Resistance
RL = 10 kΩ
VDD = 2.5V,
10
Between Any Two
(any channel
VEE = −2.5V
Channels
selected)
or VDD = 5V,
VEE = 0V
VDD = 5V
10
VEE = −5V
or VDD = 10V,
VEE = 0V
VDD = 7.5V,
5
VEE = −7.5V
or VDD = 15V,
VEE = 0V
“OFF” Channel Leakage
VDD=7.5V,
VEE=−7.5V
Current, any channel “OFF” O/I
=±7.5V, I/O=0V
±50
±0.01
±50
±500
nA
“OFF” Channel Leakage
Inhibit
= 7.5V
CD4051
±200
±0.08
±200
±2000
nA
Current, all channels
VDD = 7.5V,
“OFF” (Common
VEE = −7.5V,
D4052
±200
±0.04
±200
±2000
OUT/IN)
O/I
= 0V
I/O
= ±7.5V
CD4053
±200
±0.02
±200
±2000


유사한 부품 번호 - CD4052BCSJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4052BCSJ FAIRCHILD-CD4052BCSJ Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
CD4052BCSJ FAIRCHILD-CD4052BCSJ Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4052BCSJ FAIRCHILD-CD4052BCSJ Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
More results

유사한 설명 - CD4052BCSJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
TC74VHC4051AF TOSHIBA-TC74VHC4051AF_12 Datasheet
263Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer or Dual 4-Channel Analog Multiplexer/Demultiplexer or Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com