전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK176 데이터시트(PDF) 7 Page - Hitachi Semiconductor

부품명 2SK176
상세설명  Silicon N-Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK176 데이터시트(HTML) 7 Page - Hitachi Semiconductor

  2SK176 Datasheet HTML 1Page - Hitachi Semiconductor 2SK176 Datasheet HTML 2Page - Hitachi Semiconductor 2SK176 Datasheet HTML 3Page - Hitachi Semiconductor 2SK176 Datasheet HTML 4Page - Hitachi Semiconductor 2SK176 Datasheet HTML 5Page - Hitachi Semiconductor 2SK176 Datasheet HTML 6Page - Hitachi Semiconductor 2SK176 Datasheet HTML 7Page - Hitachi Semiconductor 2SK176 Datasheet HTML 8Page - Hitachi Semiconductor 2SK176 Datasheet HTML 9Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2SK1761
7
Source to Drain Voltage V
(V)
SD
0
0.4
0.8
1.2
1.6
2.0
4
8
12
16
Pulse Test
0, – 5 V
V
= 10 V
GS
20
Reverse Drain Current vs. Source
to Drain Voltage
10
100
1 m
10 m
100 m
110
0.01
0.03
0.1
0.3
1.0
3
Pulse Width PW (S)
µ
µ
D = 1
0.5
0.2
0.1
0.05
0.02
1 shot
Pulse
Tc = 25°C
θ ch – c(t) = s(t)
ch – c
ch – c = 1.67°C / W, Tc = 25°C
P
D =
PW
T
PW
T
DM
γ
.
θ
θ
0.01
Normalized Transient Thermal Impedance vs. Pulse Width


유사한 부품 번호 - 2SK176

제조업체부품명데이터시트상세설명
logo
NEC
2SK1760 NEC-2SK1760 Datasheet
345Kb / 7P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK1760 ISC-2SK1760 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK1760 RENESAS-2SK1760 Datasheet
499Kb / 9P
   MOS FIELD EFFECT POWER TRANSISTOR
1993
2SK1761 RENESAS-2SK1761 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET
logo
Inchange Semiconductor ...
2SK1761 ISC-2SK1761 Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK176

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com