전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-0872-000E 데이터시트(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-0872-000E
상세설명  Digital Interface IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0872-000E 데이터시트(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-0872-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0872-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Electrical Specifications (DC)
Unless otherwise noted, all Typical specifications are at TA = 25°C and VDD = 5 V, and all Minimum and Maximum
specifications apply over the following ranges: TA = -40°C to +85°C and VDD = 4.5 to 5.5 V.
Absolute Maximum Ratings
Notes:
1. Avago Technologies recommends the use of non-chlorinated solder fluxes.
Notes 1. Avago Technologies recommends the use of non-chlorinated solder fluxes.
Parameter
Symbol
Min.
Max.
Units
Ambient Operating Temperature
TA
-40
85
°C
Supply Voltage
VDD
4.5
5.5
V
Input Voltage
All Inputs
0
VDD
V
Parameter
Symbol Min.
Typ.
Max.
Units Test Conditions
Fig.
Supply Current
IDD
3
5
mA
fCLK = 10 MHz
DC Input Current
IIN
0.001
10
µA
Input Logic Low Voltage
VIL
0.8
V
Input Logic High Voltage
VIH
3.6
V
Output Logic Low Voltage
VOL
0.15
0.4
V
IOUT = 4 mA
Output Logic High Voltage
VOH
4.3
5.0
V
IOUT = -400 µA
Clock Frequency
(CCLK, MCLK and SCLK)
fCLK
20
MHz
Clock Period (CCLK, MCLK and SCLK)
tPER
50
ns
2, 3
Clock High Level Pulse Width
(CCLK, MCLK and SCLK)
tPWH
20
ns
2, 3
Clock Low Level Pulse Width
(CCLK, MCLK and SCLK)
tPWL
20
ns
2, 3
Setup Time from DAT to Rising Edge
of CLK (CDAT, CCLK, MDAT and MCLK)
tSUCLK
10
ns
2
DAT Hold Time after Rising Edge
of CLK (CDAT, CCLK, MDAT and MCLK)
tHDCLK
10
ns
2
Setup Time from Falling Edge
of CLAT to First Rising Edge of CCLK
tSUCL1
20
ns
2
Setup Time from Last Rising
Edge of CCLK to Rising Edge of CLAT
tSUCL2
20
ns
2
Delay Time from Falling
Edge of SCLK to SDAT
tDSDAT
15
ns
3
Setup Time from Data
Ready to First Falling Edge of SCLK
tSUS
200
ns
3
Setup Time from CHAN
to falling edge of CS
tSUCHS
20
ns
Reset High Level Pulse Width
tPWR
100
ns
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
85
°C
Supply Voltage
VDD
0
5.5
V
Input Voltage
All Inputs
-0.5
VDD + 0.5
V
Output Voltage
All Outputs -0.5
VDD + 0.5
V
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
1
Solder Reflow Temperature Profile
See Reflow Thermal Profile
Recommended Operating Conditions


유사한 부품 번호 - HCPL-0872-000E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0872 AVAGO-HCPL-0872 Datasheet
212Kb / 12P
   Digital Interface IC
More results

유사한 설명 - HCPL-0872-000E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0872 AVAGO-HCPL-0872 Datasheet
212Kb / 12P
   Digital Interface IC
logo
NXP Semiconductors
SAA8117HL PHILIPS-SAA8117HL Datasheet
231Kb / 60P
   Digital camera USB interface IC
1999 Apr 02
logo
Sharp Corporation
IR3Y38M SHARP-IR3Y38M Datasheet
152Kb / 21P
   CCD Signal Process & Digital Interface IC
logo
Agamem Microelectronic ...
AA88048 AGAMEM-AA88048 Datasheet
50Kb / 1P
   CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
logo
ADTech
ADT5116TA ADTECH-ADT5116TA Datasheet
84Kb / 2P
   transmitter IC for digital audio interface
logo
Sanyo Semicon Device
LC89058W SANYO-LC89058W Datasheet
289Kb / 64P
   CMOS IC Digital Audio Interface Receiver
logo
Sharp Corporation
IR3Y48A1 SHARP-IR3Y48A1 Datasheet
195Kb / 34P
   CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
IR3Y48M SHARP-IR3Y48M Datasheet
176Kb / 31P
   CCD Signal Process & Digital Interface IC
logo
Toshiba Semiconductor
TC9245F TOSHIBA-TC9245F Datasheet
441Kb / 12P
   RECEIVING DEMODULATION IC FOR DIGITAL AUDIO INTERFACE
logo
Sanyo Semicon Device
LB11851M SANYO-LB11851M Datasheet
74Kb / 6P
   Monolithic Digital IC Microprocessor Fan Motor Interface Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com