전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK1838S 데이터시트(PDF) 3 Page - Hitachi Semiconductor

부품명 2SK1838S
상세설명  Silicon N-Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK1838S 데이터시트(HTML) 3 Page - Hitachi Semiconductor

  2SK1838S Datasheet HTML 1Page - Hitachi Semiconductor 2SK1838S Datasheet HTML 2Page - Hitachi Semiconductor 2SK1838S Datasheet HTML 3Page - Hitachi Semiconductor 2SK1838S Datasheet HTML 4Page - Hitachi Semiconductor 2SK1838S Datasheet HTML 5Page - Hitachi Semiconductor 2SK1838S Datasheet HTML 6Page - Hitachi Semiconductor 2SK1838S Datasheet HTML 7Page - Hitachi Semiconductor 2SK1838S Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK1838(L), 2SK1838(S)
3
20
15
10
5
0
50
100
150
200
Case Temperature
Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage V
(V)
DS
13
10
30
100
300
1000
0.1
0.3
1
3
10
100
s
PW
=
10
ms
(1
shot)
Operation in this area
is limited by R
(on)
DS
1 ms
Ta = 25°C
0.03
0.01
DC
Operation
(Tc
=
25°C)
Maximum Safe Operation Area
Drain to Source Voltage V
(V)
DS
0
2
4
6
810
0.2
0.4
0.6
0.8
1.0
Pulse Test
8 V
10 V
6 V
4.5 V
4 V
V
= 3.5 V
GS
5 V
Typical Output Characteristics
Gate to Source Voltage V
(V)
GS
Tc = 75°C
25°C
– 25°C
Pulse Test
V
= 10 V
DS
0
2
46
810
0.2
0.4
0.6
0.8
1.0
Typical Transfer Characteristics


유사한 부품 번호 - 2SK1838S

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK1838S RENESAS-2SK1838S Datasheet
89Kb / 8P
   Silicon N Channel MOS FET
logo
Guangdong Kexin Industr...
2SK1838S KEXIN-2SK1838S Datasheet
44Kb / 1P
   Silicon N-Channel MOSFET
logo
Inchange Semiconductor ...
2SK1838S ISC-2SK1838S Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK1838STL-E RENESAS-2SK1838STL-E Datasheet
89Kb / 8P
   Silicon N Channel MOS FET
More results

유사한 설명 - 2SK1838S

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com