전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QBAS50R1 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 QBAS50R1
부품 상세설명  Alphanumeric Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

QBAS50R1 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  QBAS50R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers QBAS50R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers QBAS50R1 Datasheet HTML 3Page - List of Unclassifed Manufacturers QBAS50R1 Datasheet HTML 4Page - List of Unclassifed Manufacturers QBAS50R1 Datasheet HTML 5Page - List of Unclassifed Manufacturers QBAS50R1 Datasheet HTML 6Page - List of Unclassifed Manufacturers QBAS50R1 Datasheet HTML 7Page - List of Unclassifed Manufacturers QBAS50R1 Datasheet HTML 8Page - List of Unclassifed Manufacturers QBAS50R1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
QBAS50XXZ_series
0.50” Single Digit
Alphanumeric Display
Product: QBAS50XXZ_series
Date: February 1, 2012
Page 1 of 10
Version# 1.0
Feature:
 0.50” Dual digit sixteen segment display
 Low power consumption
 Packed in Board
 Gray face and White segment
 AlInGaP Technology (R, Y, AG)
 XX= color; Z=1: Common Cathode or 0: common
Anode
Description:
These 0.50” Dual digit sixteen segment displays are
made with white segment and gray surface. The
viewing distance is up to seven meters.
Application:
 Instrument panels
 Indoor/Outdoor display board
 Audio equipment
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.30mm


유사한 부품 번호 - QBAS50R1

제조업체부품명데이터시트부품 상세설명
List of Unclassifed Manufacturers
List of Unclassifed Man...
QBAS50R1 ETC2-QBAS50R1 Datasheet
468Kb / 10P
   Alphanumeric Display
QBAS50R1 ETC1-QBAS50R1 Datasheet
468Kb / 10P
   Alphanumeric Display
More results

유사한 설명 - QBAS50R1

제조업체부품명데이터시트부품 상세설명
List of Unclassifed Manufacturers
List of Unclassifed Man...
QBAD54R1 ETC2-QBAD54R1 Datasheet
505Kb / 10P
   Alphanumeric Display
QBAS230R1 ETC2-QBAS230R1 Datasheet
483Kb / 10P
   Alphanumeric Display
QBAS230R1 ETC1-QBAS230R1 Datasheet
483Kb / 10P
   Alphanumeric Display
QBAS80XXZ ETC2-QBAS80XXZ Datasheet
468Kb / 10P
   Alphanumeric Display
QBAD54R1 ETC1-QBAD54R1 Datasheet
505Kb / 10P
   Alphanumeric Display
QBAS50R1 ETC1-QBAS50R1 Datasheet
468Kb / 10P
   Alphanumeric Display
OSRAM GmbH
OSRAM GmbH
PD243X OSRAM-PD243X Datasheet
146Kb / 7P
   Alphanumeric Programmable Display
List of Unclassifed Manufacturers
List of Unclassifed Man...
QBASS40YG1 ETC2-QBASS40YG1 Datasheet
587Kb / 10P
   Alphanumeric SMD Display
QBASS40YGZ ETC1-QBASS40YGZ Datasheet
587Kb / 10P
   Alphanumeric SMD Display
P-tec Corporation
P-tec Corporation
PA47-CADY01 P-TEC-PA47-CADY01 Datasheet
79Kb / 1P
   PA47 Alphanumeric 0.39 Display
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com