전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2684 데이터시트(PDF) 2 Page - Hitachi Semiconductor

부품명 2SK2684
상세설명  Silicon N Channel DV-L MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2684 데이터시트(HTML) 2 Page - Hitachi Semiconductor

  2SK2684 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2684 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2684 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2684 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2684 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2684 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2684 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2684 Datasheet HTML 8Page - Hitachi Semiconductor 2SK2684 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SK2684(L), 2SK2684(S)
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
30
V
Gate to source voltage
V
GSS
±20
V
Drain current
I
D
30
A
Drain peak current
I
D(pulse)*
1
120
A
Body to drain diode reverse drain current
I
DR
30
A
Channel dissipation
Pch*
2
50
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10µs, duty cycle ≤ 1 %
2. Value at Tc = 25
°C


유사한 부품 번호 - 2SK2684

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK2684 RENESAS-2SK2684 Datasheet
90Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK2684L ISC-2SK2684L Datasheet
300Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2684L-E RENESAS-2SK2684L-E Datasheet
90Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK2684S ISC-2SK2684S Datasheet
387Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2684STL-E RENESAS-2SK2684STL-E Datasheet
90Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
More results

유사한 설명 - 2SK2684

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SK2736 HITACHI-2SK2736 Datasheet
34Kb / 7P
   Silicon N Channel DV-L MOS FET High Speed Power Switching
2SJ471 HITACHI-2SJ471 Datasheet
47Kb / 10P
   Silicon P Channel DV-L MOS FET High Speed Power Switching
2SJ479 HITACHI-2SJ479 Datasheet
38Kb / 7P
   Silicon P Channel DV-L MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ471 RENESAS-2SJ471 Datasheet
83Kb / 7P
   Silicon P Channel DV-L MOS FET
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com