전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMF10AG 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 SMF10AG
상세설명  Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMF10AG 데이터시트(HTML) 3 Page - ON Semiconductor

  SMF10AG Datasheet HTML 1Page - ON Semiconductor SMF10AG Datasheet HTML 2Page - ON Semiconductor SMF10AG Datasheet HTML 3Page - ON Semiconductor SMF10AG Datasheet HTML 4Page - ON Semiconductor SMF10AG Datasheet HTML 5Page - ON Semiconductor SMF10AG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMF5.0AT1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TL = 30°C unless otherwise noted, VF = 1.25 Volts @ 200 mA)
Device*
Marking
VRWM (V)
VBR @ IT (V) (Note 6)
IT
IR @ VRWM
VC(Max)
IPP(Max) (A)
(Note 5)
Min
Nom
Max
(mA)
(
mA)
(V)
(Note 7)
SMF5.0A, G
KE
5
6.4
6.7
7
10
400
9.2
21.7
SMF6.0A, G
KG
6
6.67
7.02
7.37
10
400
10.3
19.4
SMF6.5A, G
KK
6.5
7.22
7.6
7.98
10
250
11.2
17.9
SMF7.0A, G
KM
7
7.78
8.2
8.6
10
100
12
16.7
SMF7.5A, G
KP
7.5
8.33
8.77
9.21
1
50
12.9
15.5
SMF8.0A, G
KR
8
8.89
9.36
9.83
1
25
13.6
14.7
SMF8.5A, G
KT
8.5
9.44
9.92
10.4
1
10
14.4
13.9
SMF9.0A, G
KV
9
10
10.55
11.1
1
5
15.4
13.0
SMF10A, G
KX
10
11.1
11.7
12.3
1
2.5
17
11.8
SMF11A, G
KZ
11
12.2
12.85
13.5
1
2.5
18.2
11.0
SMF12A, G
LE
12
13.3
14
14.7
1
2.5
19.9
10.1
SMF13A, G
LG
13
14.4
15.15
15.9
1
1
21.5
9.3
SMF14A, G
LK
14
15.6
16.4
17.2
1
1
23.2
8.6
SMF15A, G
LM
15
16.7
17.6
18.5
1
1
24.4
8.2
SMF16A, G
LP
16
17.8
18.75
19.7
1
1
26
7.7
SMF17A, G
LR
17
18.9
19.9
20.9
1
1
27.6
7.2
SMF18A, G
LT
18
20
21
22.1
1
1
29.2
6.8
SMF20A, G
LV
20
22.2
23.35
24.5
1
1
32.4
6.2
SMF22A, G
LX
22
24.4
25.6
26.9
1
1
35.5
5.6
SMF24A, G
LZ
24
26.7
28.1
29.5
1
1
38.9
5.1
SMF26A, G
ME
26
28.9
30.4
31.9
1
1
42.1
4.8
SMF28A, G
MG
28
31.1
32.8
34.4
1
1
45.4
4.4
SMF30A, G
MK
30
33.3
35.1
36.8
1
1
48.4
4.1
SMF33A, G
MM
33
36.7
38.7
40.6
1
1
53.3
3.8
SMF36A, G
MP
36
40
42.1
44.2
1
1
58.1
3.4
SMF40A, G
MR
40
44.4
46.8
49.1
1
1
64.5
3.1
SMF43A, G
MT
43
47.8
50.3
52.8
1
1
69.4
2.9
SMF45A, G
MV
45
50
52.65
55.3
1
1
72.7
2.8
SMF48A, G
MX
48
53.3
56.1
58.9
1
1
77.4
2.6
SMF51A, G
MZ
51
56.7
59.7
62.7
1
1
82.4
2.4
SMF54A, G
NE
54
60
63.15
66.3
1
1
87.1
2.3
SMF58A, G
NG
58
64.4
67.8
71.2
1
1
93.6
2.1
SMF60A, G
NK
60
66.7
70.2
73.7
1
1
96.8
1.8
SMF64A, G
NM
64
71.1
74.85
78.6
1
1
103
1.7
SMF70A, G
NP
70
77.8
81.9
86
1
1
113
1.5
SMF75A, G
NR
75
83.3
87.7
92.1
1
1
121
1.4
SMF78A, G
NT
78
86.7
91.25
95.8
1
1
126
1.4
SMF85A, G
NV
85
94.4
99.2
104
1
1
137
1.3
SMF90A, G
NX
90
100
105.5
111
1
1
146
1.2
SMF100A, G
NZ
100
111
117
123
1
1
162
1.1
SMF110A, G
PE
110
122
128.5
135
1
1
177
1.0
SMF120A, G
PG
120
133
140
147
1
1
193
0.9
SMF130A, G
PK
130
144
151.5
159
1
1
209
0.8
SMF150A, G
PM
150
167
176
185
1
1
243
0.7
SMF160A, G
PP
160
178
187.5
197
1
1
259
0.7
SMF170A, G
PR
170
189
199
209
1
1
275
0.6
5. A transient suppressor is normally selected according to the Working Peak Reverse Voltage (VRWM) which should be equal to or greater
than the DC or continuous peak operating voltage level.
6. VBR measured at pulse test current IT at ambient temperature of 25°C.
7. Surge current waveform per Figure 2 and derate per Figure 3.
*The “G'' suffix indicates Pb-Free package available.


유사한 부품 번호 - SMF10AG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
SMF10AG ONSEMI-SMF10AG Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
SMF10AG ONSEMI-SMF10AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF10AG ONSEMI-SMF10AG Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF10AG ONSEMI-SMF10AG Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF10AG ONSEMI-SMF10AG Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results

유사한 설명 - SMF10AG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
SMF78AT1G ONSEMI-SMF78AT1G Datasheet
99Kb / 6P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2007 - Rev. 2
1SMF16BT1 ONSEMI-1SMF16BT1 Datasheet
52Kb / 4P
   Zener Transient Voltage Suppressor SOD-123 Flat Lead Package
February, 2004 ??Rev. 1
SMF33AT1G ONSEMI-SMF33AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF36AT1G ONSEMI-SMF36AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF9.0AT1G ONSEMI-SMF9.0AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF60AT1G ONSEMI-SMF60AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF30AT1G ONSEMI-SMF30AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF5.0AT1G ONSEMI-SMF5.0AT1G Datasheet
120Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF18AT1G ONSEMI-SMF18AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
SMF15AT1G ONSEMI-SMF15AT1G Datasheet
119Kb / 6P
   200 W Transient Voltage Suppressor SOD-123 Flat Lead Package
May, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com