전자부품 데이터시트 검색엔진 |
|
742C08349R9FP 데이터시트(PDF) 2 Page - CTS Corporation |
|
742C08349R9FP 데이터시트(HTML) 2 Page - CTS Corporation |
2 / 4 page Document No. 008-0335-0 Page 2 - 4 Rev. H Chip Resistor Arrays Series 74x ORDERING INFORMATION ELECTRICAL & ENVIRONMENTAL CHARACTERISTICS AVAILABLE RESISTOR VALUES & EIA CODES Ohms Code Ohms Code Ohms Code Ohms Code Ohms Code Ohms Code 0 000X 68 680 510 511 3.9K 392 30.0K 303 220K 224 10 100 75 750 560 561 4.3K 432 33.0K 333 240K 244 11 110 82 820 620 621 4.7K 472 36.0K 363 270K 274 12 120 91 910 680 681 5.1K 512 39.0K 393 300K 304 13 130 100 101 750 751 5.6K 562 43.0K 433 330K 334 15 150 110 111 820 821 6.2K 622 47.0K 473 360K 364 16 160 120 121 910 911 6.8K 682 51.0K 513 390K 394 18 180 130 131 1.0K 102 7.5K 752 56.0K 563 430K 434 20 200 150 151 1.1K 112 8.2K 822 62.0K 623 470K 474 22 220 160 161 1.2K 122 9.1K 912 68.0K 683 510K 514 24 240 180 181 1.3K 132 10.0K 103 75.0K 753 560K 564 27 270 200 201 1.5K 152 11.0K 113 82.0K 823 620K 624 30 300 220 221 1.6K 162 12.K 123 91.0K 913 680K 684 33 330 240 241 1.8K 182 13.K 133 100K 104 750K 754 36 360 270 271 2.0K 202 15.0K 153 110K 114 820K 824 39 390 300 301 2.2K 222 16.0K 163 120K 124 910K 914 43 430 330 331 2.4K 242 18.0K 183 130K 134 1M 105 47 470 360 361 2.7K 272 20.0K 203 150K 154 51 510 390 391 3.0K 302 22.0K 223 160K 164 56 560 430 431 3.3K 332 24.0K 243 180K 184 62 620 470 471 3.6K 362 27.0K 273 200K 204 TAPE & REEL INFORMATION Reel Diameter 7" 740X043 741X043 741C083 741X083 742C043 742C083 742X083 741X163 742C163 743C043 744C043 743C083 744C083 745C101 745C102 745X101 745X102 746X101 Parts Per Reel 10,000 10,000 5,000 5,000 4,000 4,000 4,000 4,000 4,000 5,000 Pitch 2mm 2mm 4mm 4mm 4mm 4mm 4mm 4mm 4mm 4mm 8mm * 12mm * Material Paper Paper Paper Paper Plastic Plastic Plastic Plastic Plastic Paper * See Ordering Information for packaging code indicator. 12mm 8mm 12mm 8mm 12mm 12mm Carrier Width 8mm 8mm 8mm Series PCB Area (in²) Per Resistor Circuit Type Resistance Range, Ohms 70°C Power Per Resistor * Maximum Operating Voltage 740 0.0008 Isolated 10 - 1M .031W 12.5V 741 0.0015 Isolated 10 - 1M .063W 25V 742 0.0037 Isolated 10 - 1M .063W 50V 743 0.0071 Isolated 10 - 1M .100W 100V 744 0.0094 Isolated 10 - 1M .125W 200V 745X 0.0058 Bussed 10 - 330K .063W 50V 745C 0.0058 Bussed 100 - 470K .063W 50V 746 0.0013 Bussed 10 - 100K .031W 25V * Total Rated Package Power equals total number of resistors times rated Power per Resistor 740 741 742-746 Thermal Cycle 1.00% 1.00% 1.00% 5 Cycles -55°C to +125°C Short Time Overload 2.00% 2.50% 1.00% 2½ Times Rated Working Voltage for 5 Seconds Moisture Resistance 2.00% 5.00% 2.00% 240 Hours 10% rated load, -10°C to +65°C, 90% R.H. High Temperature Exposure 3.00% 1.00% 1.00% 1000 Hours, no load, +125°C Load Life 3.00% 5.00% 2.00% 1000 Hours @ +70°C, rated load Resistance to Solder Heat 1.00% 2.50% 1.00% 10 Seconds @ +260°C solder Resistance to Solvents Isopropyl alcohol, Freon TMC Solderability RMA Flux, +230°C, 5 Seconds dip, 95% coverage Test Maximum Delta R Test Description Resistance Tolerance: Std. ±5% or 0.5Ω (whichever is greater). See Ordering Information for other options available. Operating Temperature Range: -55°C to +125°C. Temperature Coefficient: ±200 ppm/°C. |
유사한 부품 번호 - 742C08349R9FP |
|
유사한 설명 - 742C08349R9FP |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |