전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2978 데이터시트(PDF) 4 Page - Hitachi Semiconductor

부품명 2SK2978
상세설명  Silicon N Channel MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK2978 데이터시트(HTML) 4 Page - Hitachi Semiconductor

  2SK2978 Datasheet HTML 1Page - Hitachi Semiconductor 2SK2978 Datasheet HTML 2Page - Hitachi Semiconductor 2SK2978 Datasheet HTML 3Page - Hitachi Semiconductor 2SK2978 Datasheet HTML 4Page - Hitachi Semiconductor 2SK2978 Datasheet HTML 5Page - Hitachi Semiconductor 2SK2978 Datasheet HTML 6Page - Hitachi Semiconductor 2SK2978 Datasheet HTML 7Page - Hitachi Semiconductor 2SK2978 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK2978
4
0
24
6
810
0.25
0.2
0.15
0.1
0.05
–40
0
40
80
120
160
0
Gate to Source Voltage
V
(V)
GS
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
I
(A)
D
Static Drain to Source on State Resistance
vs. Drain Current
Case Temperature
Tc
(°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current I
(A)
D
Forward Transfer Admittance vs.
Drain Current
1
0.8
0.6
0.4
0.2
Pulse Test
I
= 5 A
D
1.5 A
0.1
1
2
0.2
1
0.02
0.05
0.01
0.5
10
5
0.1
0.1
0.2
0.5
1
25
10
10
5
1
2
0.2
0.5
0.1
1 A
2.5 A
0.2
0.5
V
= 2.5 V
GS
4 V
Pulse Test
1 A
V
= 4 V
GS
1, 2.5 A
5 A
2.5 V
2.5 A
I
= 5 A
D
Tc = –25 °C
25 °C
75 °C
V
= 10 V
Pulse Test
DS
Pulse Test


유사한 부품 번호 - 2SK2978

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK2978 RENESAS-2SK2978 Datasheet
77Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2978ZYTL-E RENESAS-2SK2978ZYTL-E Datasheet
77Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2978ZYTR-E RENESAS-2SK2978ZYTR-E Datasheet
77Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

유사한 설명 - 2SK2978

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com