전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3000 데이터시트(PDF) 3 Page - Hitachi Semiconductor

부품명 2SK3000
상세설명  Silicon N Channel MOS FET Low Frequency Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3000 데이터시트(HTML) 3 Page - Hitachi Semiconductor

  2SK3000 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3000 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3000 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3000 Datasheet HTML 4Page - Hitachi Semiconductor 2SK3000 Datasheet HTML 5Page - Hitachi Semiconductor 2SK3000 Datasheet HTML 6Page - Hitachi Semiconductor 2SK3000 Datasheet HTML 7Page - Hitachi Semiconductor 2SK3000 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SK3000
3
Main Characteristics
110
50
0
2
468
10
0
12
34
5
0.8
0.6
0.4
0.2
0
50
100
150
200
5
2
1
0.2
0.1
0.5
0.02
0.01
0.05
0.05
0.2
0.5
2
5
20
Tc = –25°C
125°C
25°C
100 200
50 µs
1 ms
10
ms
Ta = 25 °C
Note5 : When using the glass epoxy board
(10mm x 10mm x 1mm )
t
Ambient Temperature
Ta (°C)
Power vs. Temperature Derating
Drain to Source Voltage
V
(V)
DS
Maximum Safe Operation Area
Drain to Source Voltage
V
(V)
DS
Typical Output Characteristics
Gate to Source Voltage
V
(V)
GS
Typical Transfer Characteristics
V
= 5 V
Pulse Test
DS
Operation in
this area is
limited by R DS(on)
5.0
4.0
3.0
2.0
1.0
10
1
100m
10m
1m
5 V
V
= 2.5 V
GS
6 V
4.5 V
10 V
4 V
3 V
3.5 V
Pulse Test
100µ


유사한 부품 번호 - 2SK3000

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK3000 RENESAS-2SK3000 Datasheet
119Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Guangdong Kexin Industr...
2SK3000-3 KEXIN-2SK3000-3 Datasheet
146Kb / 4P
   N-Channel Enhancement MOSFET
logo
Renesas Technology Corp
2SK3000 RENESAS-2SK3000_15 Datasheet
173Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
More results

유사한 설명 - 2SK3000

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SK2802 HITACHI-2SK2802 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
2SK3000 RENESAS-2SK3000_15 Datasheet
173Kb / 8P
   Silicon N Channel MOS FET Low Frequency Power Switching
2SK3000 RENESAS-2SK3000 Datasheet
119Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
2SK2570 RENESAS-2SK2570 Datasheet
172Kb / 7P
   Silicon N Channel MOS FET Low Frequency Power Switching
logo
Hitachi Semiconductor
2SK2570 HITACHI-2SK2570 Datasheet
40Kb / 8P
   Silicon N-Channel MOS FET Low Frequency Power Switching
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com