전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD214DE 데이터시트(PDF) 1 Page - Micross Components

부품명 SD214DE
상세설명  N-Channel Enhancement Mode DMOS Lateral Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSS [Micross Components]
홈페이지  http://www.micross.com
Logo MICROSS - Micross Components

SD214DE 데이터시트(HTML) 1 Page - Micross Components

  SD214DE Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Demo (http://www.verypdf.com)
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web: www.micross.com
Features: 
Ultra‐High Speed Switching—tON: 1ns 
Ultra‐Low Reverse Capacitance: 0.2pF 
Low Guaranteed RDS @5V 
Low Turn‐On Threshold Voltage (1.5V max) 
N‐Channel Enhancement Mode 
Benefits: 
High‐Speed System Performance 
Low Insertion Loss at High Frequencies  
Low Transfer Signal Loss 
Single Supply Operation & Simple Driver Requirement 
Description: 
The SD210DE & SD214DE are enhancement‐mode MOSFETs designed 
for high speed low‐glitch switching in audio, video and high‐
frequency applications. The SD214DE is normally used for ±10V 
analog switching. These MOSFETs utilize lateral construction to 
achieve low capacitance and ultra‐fast switching speeds. These 
MOSFETs do not have a gate protection Zener diode which results in 
lower gate leakage and ± voltage capability from gate to substrate. A 
poly‐silicon gate is featured for manufacturing reliability. 
 
See SD5000 and SD54000 series for quad configurations. 
For zener protected versions see SD211DE / SST211 series 
Availability: 
SD210DE – TO‐72 hermetic package, ‐55°C to +125°C  
SD214DE – TO‐72 hermetic package, ‐55°C to +125°C 
SD210DE / SD214DE ‐ Bare die form 
 
Contact Micross for full pinout & package dimensions 
MAXIMUM RATINGS 
LIMIT  
MAXIMUM RATINGS 
(Continued) 
LIMIT 
UNIT 
SD210DE 
SD214DE 
Gate‐Drain, Gate‐Source Voltage 
±40V 
±40V  
Drain Current 
50 
mA 
Gate‐Substrate Voltage 
±30V 
±30V  
Lead Temperature (1/16” from ease, 10s) 
300 
°C 
Drain‐Source Voltage 
30V 
20V  
Storage Temperature ‐65 to 150 
°C 
Source‐Drain Voltage 
10V 
20V  
Operating Junction Temperature ‐55 to 125 
°C 
Drain ‐Substrate Voltage 
30V 
25V  
Power Dissipation 
Derate 3mW/C° above 25°C 
 
300 
 
mW 
Source‐Substrate Voltage 
15V 
25V  
  
 
 
ELECTRICAL SPECIFICATION 
T= 25°C unless otherwise noted 
 
SYMBOL 
 
TEST CONDITIONS 
 
TYP 
LIMITS  
UNIT 
SD210DE 
SD214DE 
MIN 
MAX 
MIN 
MAX  
DRAIN‐SOURCE BREAKDOWN 
VOLTAGE
 
V(BR)DS 
VGS =  VBS = 0V, I= 10µA 
35 
30 ‐ 
‐ 
‐ 
 
 
 
 
VGS =  VBS = ‐5V, I= 10nA 
30 
10 ‐ 
20 ‐ 
SOURCE‐DRAIN BREAKDOWN 
VOLTAGE
 
V(BR)SD 
VGD =  VBD = ‐5V, I= 10nA 
22 
10 ‐ 
20 ‐ 
DRAIN‐SUBSTRATE BREAKDOWN 
VOLTAGE
 
V(BR)DBO 
VGB =  0V, I= 10nA 
Source Open 
35 
15 ‐ 
25 ‐ 
SOURCE‐SUBSTRATE BREAKDOWN 
VOLTAGE
 
V(BR)SBO 
VGB =  0V, I= 10µA  
Drain Open 
35 
15 ‐ 
25 ‐ 
DRAIN‐SOURCE LEAKAGE
 
IDS(off) 
VGS = VBS = ‐5V 
 
VDS = 10V 
0.4 ‐ 
10 ‐ 
‐ 
 
nA 
VDS = 20V 
0.9 ‐ 
‐ 
‐ 
10 
SOURCE‐DRAIN LEAKAGE
 
ISD(off) 
VGD = VBD = ‐5V 
 
VSD = 10V 
0.5 ‐ 
10 ‐ 
‐ 
VSD = 20V 
0.8 ‐ 
‐ 
‐ 
10 
GATE LEAKAGE
 
IGBS 
VDB = VSB = 0V , VGB = ±4 0V 
0.001 ‐ 
0.1 
0.1 
THRESHOLD VOLTAGE 
VGS(th) 
VDS = VGS , I= 1µA, VSB = 0V 
0.8 
0.5 
1.5 
0.1 
1.5  
 
 
Ω 
 
 
DRAIN‐SOURCE‐ON RESISTANCE 
 
 
RDS(on) 
 
 
VSB = 0VI= 1mA 
VGS = 5V 
58 ‐ 
70 ‐ 
70 
VGS = 10V 
38 ‐ 
45 ‐ 
45 
VGS = 15V 
30 
‐ ‐ 
‐ ‐ 
VGS = 20V 
26 
‐ ‐ 
‐ ‐ 
VGS = 25V 
24 
‐ ‐ 
‐ ‐ 
FORWARD TRANSCONDUCTANCE 
gfs 
VDS = 10V , VSB = 0V 
I= 20mA, f = 1kHz 
11 
10 ‐ 
10 ‐ 
mS 
gos 
0.9 
‐ ‐ 
‐ ‐ 
GATE NODE CAPACITANCE 
C(GS+GD+GB) 
 
VDS = 10V , f = 1MHz 
VGS = VBS = ‐15V 
2.5 ‐ 
3.5 ‐ 
3.5  
 
pF 
DRAIN NODE CAPACITANCE 
C(GD+GB) 
1.1 ‐ 
1.5 ‐ 
1.5 
SOURCE NODE CAPACITANCE 
C(GS+SB) 
3.7 ‐ 
5.5 ‐ 
5.5 
REVERSE TRANSFER CAPACITANCE 
Crss 
0.2 ‐ 
0.5 ‐ 
0.5 
TURN‐ON TIME 
tD(on)  
VSB = 0VVIN 0 to 5V, 
R= 25Ω, VDD = 5V  R= 680Ω 
0.5 ‐ 
1 ‐ 
1  
ns 
tr 
0.6 ‐ 
1 ‐ 
TURN‐OFF TIME 
tD(off) 
‐ ‐ 
‐ ‐ 
tf 
‐ ‐ 
‐ ‐ 
SD210DE / SD214DE series N-Channel Enhancement Mode DMOS Lateral Switches
SD210 / SD214 Applications: 
Fast Analog Switching 
Fast Sample & Holds 
Pixel‐Rate Switching 
DAC Deglitchers 
High‐Speed Driver 
SD210 / SD214
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents
or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
Pinout: 
 
 
This is trial version
If you want get full version, please register it, thank you.
www.verypdf.com
Demo (http://www.verypdf.com)
Demo (http://www.verypdf.com)


유사한 부품 번호 - SD214DE

제조업체부품명데이터시트상세설명
logo
Calogic, LLC
SD214DE CALOGIC-SD214DE Datasheet
29Kb / 2P
   High-Speed Analog N-Channel DMOS FETs
logo
Linear Integrated Syste...
SD214DE LINEAR-SD214DE Datasheet
357Kb / 2P
   HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
SD214DE LINEAR-SD214DE Datasheet
476Kb / 2P
   N-CHANNEL LATERAL DMOS SWITCH
SD214DE LINEAR-SD214DE Datasheet
163Kb / 2P
   N-CHANNEL LATERAL DMOS JFET SWITCH TYPICAL CHARACTERISTICS
SD214DE LINEAR-SD214DE Datasheet
512Kb / 2P
   N-CHANNEL LATERAL DMOS SWITCH
More results

유사한 설명 - SD214DE

제조업체부품명데이터시트상세설명
logo
Micross Components
SD210DE MICROSS-SD210DE Datasheet
240Kb / 1P
   N-Channel Enhancement Mode DMOS Lateral Switches
SD5000I_SBDIP MICROSS-SD5000I_SBDIP Datasheet
253Kb / 1P
   Quad N-Channel Enhancement Mode DMOS Lateral Switches
SD5400CY_SOIC MICROSS-SD5400CY_SOIC Datasheet
253Kb / 1P
   Quad N-Channel Enhancement Mode DMOS Lateral Switches
logo
Calogic, LLC
SST211 CALOGIC-SST211 Datasheet
26Kb / 2P
   FAST DMOS FET Switches N-Channel Enhancement-Mode
SST211 CALOGIC-SST211_15 Datasheet
33Kb / 2P
   FAST DMOS FET Switches N-Channel Enhancement-Mode
SD2100 CALOGIC-SD2100 Datasheet
26Kb / 2P
   N-Channel Depletion Mode Lateral DMOS FET
logo
TEMIC Semiconductors
SST211-T1 TEMIC-SST211-T1 Datasheet
92Kb / 6P
   N-Channel Lateral DMOS FETs
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
512Kb / 2P
   N-CHANNEL LATERAL DMOS SWITCH
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com