전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3290 데이터시트(PDF) 6 Page - Hitachi Semiconductor

부품명 2SK3290
상세설명  Silicon N Channel MOS FET High Speed Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3290 데이터시트(HTML) 6 Page - Hitachi Semiconductor

  2SK3290 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3290 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3290 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3290 Datasheet HTML 4Page - Hitachi Semiconductor 2SK3290 Datasheet HTML 5Page - Hitachi Semiconductor 2SK3290 Datasheet HTML 6Page - Hitachi Semiconductor 2SK3290 Datasheet HTML 7Page - Hitachi Semiconductor 2SK3290 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SK3290
6
Vin Monitor
D.U.T.
Vin
10 V
R L
V
= 10 V
DD
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
50
90%
10%
t f
Switching Time Test Circuit
Waveforms


유사한 부품 번호 - 2SK3290

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK3290 RENESAS-2SK3290 Datasheet
44Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
logo
VBsemi Electronics Co.,...
2SK3290 VBSEMI-2SK3290 Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - 2SK3290

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SK3288 HITACHI-2SK3288 Datasheet
39Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
2SK3380 HITACHI-2SK3380 Datasheet
26Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
logo
Sanyo Semicon Device
FW306 SANYO-FW306 Datasheet
17Kb / 2P
   N- Channel Silicon MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3287 RENESAS-2SK3287 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
logo
Hitachi Semiconductor
2SK3289 HITACHI-2SK3289 Datasheet
27Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 HITACHI-2SK3348 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3289 RENESAS-2SK3289 Datasheet
44Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3378 RENESAS-2SK3378 Datasheet
140Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 RENESAS-2SK3348 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
2SK3349 RENESAS-2SK3349 Datasheet
97Kb / 12P
   Silicon N Channel MOS FET High Speed Switching
June 1999
logo
Hitachi Semiconductor
2SK3287 HITACHI-2SK3287 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com