전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC-4R96CPE6C-745 데이터시트(PDF) 9 Page - NEC

부품명 MC-4R96CPE6C-745
상세설명  Direct Rambus DRAM RIMM Module 96M-BYTE 48M-WORD x 16-BIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

MC-4R96CPE6C-745 데이터시트(HTML) 9 Page - NEC

  MC-4R96CPE6C-745 Datasheet HTML 1Page - NEC MC-4R96CPE6C-745 Datasheet HTML 2Page - NEC MC-4R96CPE6C-745 Datasheet HTML 3Page - NEC MC-4R96CPE6C-745 Datasheet HTML 4Page - NEC MC-4R96CPE6C-745 Datasheet HTML 5Page - NEC MC-4R96CPE6C-745 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 6 page
background image
Preliminary Data Sheet M14806EJ2V0DS00
9
MC-4R96CPE6C
AC Electrical Specifications
Symbol
Parameter and Conditions
MIN.
TYP.
MAX.
Unit
Z
Module Impedance
25.2
28
30.8
TPD
Average clock delay from finger to finger of all RSL clock nets
-845
1.40
ns
(CTM, CTMN,CFM, and CFMN)
-745
1.40
-653
1.40
∆TPD
Propagation delay variation of RSL signals with respect to TPD
Note1,2
−21
+21
ps
∆TPD-CMOS Propagation delay variation of SCK and CMD signals with respect to
an average clock delay
Note1
−100
+100
ps
Vα/VIN
Attenuation Limit
-845
14
%
-745
14
-653
9
VXF/VIN
Forward crosstalk coefficient
-845
3
%
(300ps input rise time 20% - 80%)
-745
3
-653
3
VXB/VIN
Backward crosstalk coefficient
-845
1.8
%
(300ps input rise time 20% - 80%)
-745
1.8
-653
1.8
RDC
DC Resistance Limit
-845
0.7
-745
0.7
-653
0.7
Notes 1. TPD or Average clock delay is defined as the average delay from finger to finger of all RSL clock nets (CTM,
CTMN, CFM, and CFMN).
2. If the RIMM module meets the following specification, then it is compliant to the specification.
If the RIMM module does not meet these specifications, then the specification can be adjusted by the
“Adjusted
∆TPD Specification” table.
Adjusted
∆∆∆∆TPD Specification
Symbol
Parameter and conditions
Adjusted MIN./MAX.
Absolute
Unit
MIN.
MAX.
∆TPD
Propagation delay variation of RSL signals with respect to TPD
+/
− [17+(18*N*∆Z0)] Note
−30
+30
ps
Note N = Number of RDRAM devices installed on the RIMM module.
∆Z0 = delta Z0% = (MAX. Z0 MIN. Z0) / (MIN. Z0)
(MAX. Z0 and MIN. Z0 are obtained from the loaded (high impedance) impedance coupons of all RSL layers
on the module.)


유사한 부품 번호 - MC-4R96CPE6C-745

제조업체부품명데이터시트상세설명
logo
NEC
MC-4R96CEE6B NEC-MC-4R96CEE6B Datasheet
127Kb / 16P
   Direct Rambus DRAM RIMM Module 96M-BYTE 48M-WORD x 16-BIT
MC-4R96CEE6B-653 NEC-MC-4R96CEE6B-653 Datasheet
127Kb / 16P
   Direct Rambus DRAM RIMM Module 96M-BYTE 48M-WORD x 16-BIT
MC-4R96CEE6B-745 NEC-MC-4R96CEE6B-745 Datasheet
127Kb / 16P
   Direct Rambus DRAM RIMM Module 96M-BYTE 48M-WORD x 16-BIT
MC-4R96CEE6B-845 NEC-MC-4R96CEE6B-845 Datasheet
127Kb / 16P
   Direct Rambus DRAM RIMM Module 96M-BYTE 48M-WORD x 16-BIT
MC-4R96CEE6C NEC-MC-4R96CEE6C Datasheet
127Kb / 16P
   Direct Rambus DRAM RIMM Module 96M-BYTE 48M-WORD x 16-BIT
More results

유사한 설명 - MC-4R96CPE6C-745

제조업체부품명데이터시트상세설명
logo
NEC
MC-4R96CEE6B NEC-MC-4R96CEE6B Datasheet
127Kb / 16P
   Direct Rambus DRAM RIMM Module 96M-BYTE 48M-WORD x 16-BIT
MC-4R192CPE6C NEC-MC-4R192CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 192M-BYTE 96M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE6D-840 ELPIDA-MC-4R128FKE6D-840 Datasheet
497Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R512FKE6D ELPIDA-MC-4R512FKE6D Datasheet
132Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 16-BIT)
MC-4R64FKE6D-840 ELPIDA-MC-4R64FKE6D-840 Datasheet
458Kb / 14P
   Direct Rambus DRAM RIMM Module 64M-BYTE (32M-WORD x 16-BIT)
MC-4R128FKE6D ELPIDA-MC-4R128FKE6D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R256FKE6D-840 ELPIDA-MC-4R256FKE6D-840 Datasheet
490Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R64CPE6C NEC-MC-4R64CPE6C Datasheet
130Kb / 6P
   Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com