전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC04 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74AC04
상세설명  Hex Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC04 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74AC04 Datasheet HTML 1Page - Fairchild Semiconductor 74AC04 Datasheet HTML 2Page - Fairchild Semiconductor 74AC04 Datasheet HTML 3Page - Fairchild Semiconductor 74AC04 Datasheet HTML 4Page - Fairchild Semiconductor 74AC04 Datasheet HTML 5Page - Fairchild Semiconductor 74AC04 Datasheet HTML 6Page - Fairchild Semiconductor 74AC04 Datasheet HTML 7Page - Fairchild Semiconductor 74AC04 Datasheet HTML 8Page - Fairchild Semiconductor 74AC04 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
tm
September
2007
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC04, 74ACT04 Rev. 1.0
74AC04, 74ACT04
Hex Inverter
Features
ICC reduced by 50% on 74AC only
Outputs source/sink 24mA
ACT04 has TTL-compatible inputs
General Description
The AC/ACT04 contains six inverters.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code. (PC not available in
Tape and Reel.)
All packages are lead free per JEDEC: J-STD-020B standard.
Connection Diagram
Pin Description
Logic Symbol
IEEE/IEC
Order
Number
Package
Number
Package Description
74AC04SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74AC04SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74AC04MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74AC04PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74ACT04SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74ACT04MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACT04PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
An
Inputs
On
Outputs
FACT™ is a trademark of Fairchild Semiconductor Corporation.


유사한 부품 번호 - 74AC04

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04 Datasheet
67Kb / 7P
   HEX INVERTER
April 1997
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74AC04 FAIRCHILD-74AC04 Datasheet
305Kb / 10P
   Hex Inverter
74AC04 FAIRCHILD-74AC04 Datasheet
306Kb / 10P
   Hex Inverter
logo
ON Semiconductor
74AC04 ONSEMI-74AC04 Datasheet
311Kb / 10P
   Hex Inverter
September 2007 Rev. 1.0
More results

유사한 설명 - 74AC04

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com