전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HA12134A 데이터시트(PDF) 24 Page - Hitachi Semiconductor

부품명 HA12134A
상세설명  Dolby B-Type Noise Reduction System
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12134A 데이터시트(HTML) 24 Page - Hitachi Semiconductor

Back Button HA12134A Datasheet HTML 19Page - Hitachi Semiconductor HA12134A Datasheet HTML 20Page - Hitachi Semiconductor HA12134A Datasheet HTML 21Page - Hitachi Semiconductor HA12134A Datasheet HTML 22Page - Hitachi Semiconductor HA12134A Datasheet HTML 23Page - Hitachi Semiconductor HA12134A Datasheet HTML 24Page - Hitachi Semiconductor HA12134A Datasheet HTML 25Page - Hitachi Semiconductor HA12134A Datasheet HTML 26Page - Hitachi Semiconductor HA12134A Datasheet HTML 27Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
HA12134A, HA12135A, HA12136A
Rev.3, Jun. 1999, page 24 of 27
–20
–15
–10
–5
0
5
10
15
20
0.01
0.03
0.1
0.3
1.0
3
10
V
[dB]
out
HA12134A
V
= 12 V
1 kHz
100 Hz
10 kHz
25
CC
Figure 33 PB NR-OFF Total Harmonic Distortion vs. Output Level
–20
–15
–10
–5
0
5
10
15
20
0.01
0.03
0.1
0.3
1.0
3
10
V
[dB]
out
HA12134A
V
= 12 V
1 kHz
100 Hz
10 kHz
25
CC
Figure 34 PB NR-ON Total Harmonic Distortion vs. Output Level


유사한 부품 번호 - HA12134A

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HA12134A HITACHI-HA12134A Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
HA12134AF HITACHI-HA12134AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
More results

유사한 설명 - HA12134A

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
12136AF HITACHI-12136AF Datasheet
101Kb / 27P
   Dolby B-Type Noise Reduction System
logo
Sony Corporation
CXA1100P SONY-CXA1100P Datasheet
473Kb / 15P
   DOLBY B TYPE NOISE REDUCTION SYSTEM
CXA1550P SONY-CXA1550P Datasheet
232Kb / 16P
   Dolby B type Noise Reduction System
CXA1330S SONY-CXA1330S Datasheet
381Kb / 18P
   DOLBY B/C TYPE NOISE REDUCTION SYSTEM
CXA1560S SONY-CXA1560S Datasheet
347Kb / 18P
   Dolby B-C Type Noise Reduction System
CX20188 SONY-CX20188 Datasheet
1Mb / 22P
   DOLBY B-C TYPE NOISE REDUCTION SYSTEM
logo
New Japan Radio
NJM2085 NJRC-NJM2085 Datasheet
160Kb / 4P
   PREAMPLIFIER AND DOLBY B TYPE NOISE REDUCTION SYSTEM
logo
NTE Electronics
NTE2000 NTE-NTE2000 Datasheet
82Kb / 2P
   Integrated Circuit Dolby B Type Noise Reduction System
logo
Hitachi Semiconductor
HA12141NT HITACHI-HA12141NT Datasheet
392Kb / 63P
   Dolby B- and C-Type Noise Reduction System
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com