전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HA12219NT 데이터시트(PDF) 3 Page - Hitachi Semiconductor

부품명 HA12219NT
상세설명  Audio Signal Processor for Cassette Deck
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12219NT 데이터시트(HTML) 3 Page - Hitachi Semiconductor

  HA12219NT Datasheet HTML 1Page - Hitachi Semiconductor HA12219NT Datasheet HTML 2Page - Hitachi Semiconductor HA12219NT Datasheet HTML 3Page - Hitachi Semiconductor HA12219NT Datasheet HTML 4Page - Hitachi Semiconductor HA12219NT Datasheet HTML 5Page - Hitachi Semiconductor HA12219NT Datasheet HTML 6Page - Hitachi Semiconductor HA12219NT Datasheet HTML 7Page - Hitachi Semiconductor HA12219NT Datasheet HTML 8Page - Hitachi Semiconductor HA12219NT Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
HA12219NT
Rev.2, Jul. 1998, page 3 of 29
Pin Description, Equivalent Circuit (V
CC = 12 V, Vref = 5.6 V, Ta = 25°C, No signal,
The value in the table show typical value.) (cont)
Pin No.
Pin Name
Note
Equivalent Circuit
Pin Description
12
PB-NF(R)
PB-IN = Vref
PB-IN
VCC
PB-EQ feed back
17
PB-NF(L)
13
PB-EQ(R)
PB-OUT = Vref
GND
PB-OUT
NAB output
16
PB-EQ(L)
21
REC-IN(R)
V = Vref
100 k
VCC
7
Vref
REC-EQ input
22
REC-IN(L)
14
PB-OUT(R)
V = Vref
VCC
GND
PB output
15
PB-OUT(L)
18
A
120/70
I = 20
µA
GND
22k
VCC
I
100 k
Mode control input
19
A/
B
20
B
I/II


유사한 부품 번호 - HA12219NT

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HA12211 HITACHI-HA12211 Datasheet
204Kb / 34P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
HA12211NT HITACHI-HA12211NT Datasheet
204Kb / 34P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Renesas Technology Corp
HA12211NT RENESAS-HA12211NT Datasheet
401Kb / 36P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Hitachi Semiconductor
HA12212F HITACHI-HA12212F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
HA12215 HITACHI-HA12215 Datasheet
389Kb / 69P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results

유사한 설명 - HA12219NT

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HA12237F RENESAS-HA12237F Datasheet
316Kb / 33P
   Audio Signal Processor for Cassette Deck
HA12230NT RENESAS-HA12230NT Datasheet
325Kb / 34P
   Audio Signal Processor for Cassette Deck
logo
Hitachi Semiconductor
HA12207NT HITACHI-HA12207NT Datasheet
148Kb / 27P
   Audio Signal Processor for Cassette Deck
HA12206NT HITACHI-HA12206NT Datasheet
180Kb / 32P
   Audio Signal Processor for Cassette Deck
HA12230NT HITACHI-HA12230NT Datasheet
226Kb / 32P
   Audio Signal Processor for Cassette Deck
HA12211NT HITACHI-HA12211NT Datasheet
204Kb / 34P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
HA12167FB HITACHI-HA12167FB Datasheet
524Kb / 73P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Renesas Technology Corp
HA12211NT RENESAS-HA12211NT Datasheet
401Kb / 36P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Hitachi Semiconductor
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12209F HITACHI-HA12209F Datasheet
279Kb / 49P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com