전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSR-261 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 GSR-261
상세설명  Two-Piece Grounding Connectors for Shielded and Coaxial Cable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

GSR-261 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  GSR-261 Datasheet HTML 1Page - List of Unclassifed Manufacturers GSR-261 Datasheet HTML 2Page - List of Unclassifed Manufacturers GSR-261 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Two-Piece Grounding Connectors for Shielded and Coaxial Cable
O.D. Inner Insulation
Connector Inner Sleeve
Cat.
Colour
Military
No.
Code
I.D.
O.D.
Spec. No.
GSB-046
Tin
.046
.075
21981-046
GSB-058
Yellow
.058
.083
21981-058
GSB-063
Red
.063
.088
21981-063
GSB-071
Green
.071
.096
21981-071
GSB-080
Blue
.080
.103
21981-080
GSB-090
Orange
.090
.113
21981-090
GSB-096
Purple
.096
.119
21981-096
GSB-101
Yellow
.101
.124
21981-101
GSB-109
Red
.109
.131
21981-109
GSB-115
Tin
.115
.146
21981-115
GSB-124
Green
.124
.145
21981-124
GSB-128
Tin
.128
.152
21981-128
GSB-134
Orange
.134
.156
21981-134
GSB-149
Blue
.149
.179
21981-149
GSB-156
Red
.156
.193
21981-156
GSB-165
Tin
.165
.194
21981-165
GSB-175
Green
.175
.215
21981-175
GSB-187
Yellow
.187
.227
21981-187
GSB-194
Blue
.194
.226
21981-194
GSB-205
Orange
.205
.245
21981-205
GSB-219
Tin
.219
.250
21981-219
GSB-225
Yellow
.225
.256
21981-225
GSB-232
Red
.232
.263
21981-232
GSB-250
Green
.250
.281
21981-250
GSB-261
Blue
.261
.297
21981-261
GSB-266
Tin
.266
.297
21981-266
GSB-275
Orange
.275
.306
21981-275
GSB-281
Yellow
.281
.331
21981-281
GSB-287
Tin
.287
.327
21981-287
GSB-297
Red
.297
.335
21981-297
GSB-312
Purple
.312
.362
21981-312
GSB-348
Orange
.348
.400
21981-348
GSB-375
Blue
.375
.406
21981-375
Inner sleeve
1. Use a measuring tool over the inner conductor insulation. Rotate wire to pick up high spots on cable that are non-symmetrical.
2. Add .005 to the diameter of the conductor insulation. Select inner sleeve with this I.D. or nearest larger I.D.
O.D. Inner Insulation
Determine O.D. of inner conductor insulation
with measuring tool.
Inner Sleeve-Cat. GSB
Hard bronze inner sleeve is installed under braid.
Length 5/16”
Tin Plated as standard.
230
238-254.pdf 4
7/13/2012 11:38:22 AM


유사한 부품 번호 - GSR-261

제조업체부품명데이터시트상세설명
logo
GSR Technology Ltd
GSR-216 GSR-GSR-216 Datasheet
455Kb / 2P
   21.5" Fanless Multi-touch Panel PC with Intel짰 Core짰 i5-4300U 1.90 GHz Processor
GSR-216P-A1 GSR-GSR-216P-A1 Datasheet
455Kb / 2P
   21.5" Fanless Multi-touch Panel PC with Intel짰 Core짰 i5-4300U 1.90 GHz Processor
More results

유사한 설명 - GSR-261

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GSB550 ETC2-GSB550 Datasheet
37Kb / 1P
   Two-Piece - Inner sleeve Copper Grounding Connector for shielded and coaxial cables, Inner Diameter .55, Length 5/16 inch, Blue
logo
Hirose Electric
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
TWT2-P HIROSE-TWT2-P Datasheet
253Kb / 4P
   Coaxial two-core(TWT2) Connectors
logo
List of Unclassifed Man...
2-767004-2 ETC-2-767004-2 Datasheet
273Kb / 3P
   High Speed, Controlled Impedance Two-Piece Connectors
Revised 8-97
logo
Rosenberger Hochfrequen...
SLGK002C-C06-060 ROSENBERGER-SLGK002C-C06-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
logo
TE Connectivity Ltd
SDT TEC-SDT Datasheet
129Kb / 3P
   Shielded coaxial cable lead
logo
Rosenberger Hochfrequen...
SLGK002C-C05-060 ROSENBERGER-SLGK002C-C05-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
SLGK002C-C07-060 ROSENBERGER-SLGK002C-C07-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
logo
Panasonic Semiconductor
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
logo
Rosenberger Hochfrequen...
SLGK002C-C03-060 ROSENBERGER-SLGK002C-C03-060 Datasheet
106Kb / 1P
   Grounding Kits for cable
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com