전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HA12231FP 데이터시트(PDF) 5 Page - Hitachi Semiconductor

부품명 HA12231FP
상세설명  Audio Signal Processor for Car Deck (PB 1 Chip)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA12231FP 데이터시트(HTML) 5 Page - Hitachi Semiconductor

  HA12231FP Datasheet HTML 1Page - Hitachi Semiconductor HA12231FP Datasheet HTML 2Page - Hitachi Semiconductor HA12231FP Datasheet HTML 3Page - Hitachi Semiconductor HA12231FP Datasheet HTML 4Page - Hitachi Semiconductor HA12231FP Datasheet HTML 5Page - Hitachi Semiconductor HA12231FP Datasheet HTML 6Page - Hitachi Semiconductor HA12231FP Datasheet HTML 7Page - Hitachi Semiconductor HA12231FP Datasheet HTML 8Page - Hitachi Semiconductor HA12231FP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
HA12231FP
5
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Rating
Unit
Note
Supply voltage
V
CC Max
15
V
Power dissipation
Pd
400
mW
Ta
≤ 85°C
Operating temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−55 to +125
°C


유사한 부품 번호 - HA12231FP

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HA12231FP RENESAS-HA12231FP Datasheet
326Kb / 23P
   Audio Signal Processor for Car Deck (PB 1 Chip)
More results

유사한 설명 - HA12231FP

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HA12231FP RENESAS-HA12231FP Datasheet
326Kb / 23P
   Audio Signal Processor for Car Deck (PB 1 Chip)
logo
Hitachi Semiconductor
HA12211NT HITACHI-HA12211NT Datasheet
204Kb / 34P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
HA12167FB HITACHI-HA12167FB Datasheet
524Kb / 73P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Renesas Technology Corp
HA12211NT RENESAS-HA12211NT Datasheet
401Kb / 36P
   Audio Signal Processor for Cassette Deck (Deck 1 Chip)
logo
Hitachi Semiconductor
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12228F RENESAS-HA12228F Datasheet
529Kb / 49P
   Audio Signal Processor for Car Deck (Decode only Dolby B-type NR* with PB Amp.)
HA12216F RENESAS-HA12216F Datasheet
549Kb / 53P
   Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com