전자부품 데이터시트 검색엔진 |
|
DM12D15-500 데이터시트(PDF) 3 Page - Wall Industries,Inc. |
|
DM12D15-500 데이터시트(HTML) 3 Page - Wall Industries,Inc. |
3 / 3 page Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797 DM Series Single and Dual Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range MECHANICAL DRAWING PIN CONNECTION PIN SINGLE DUAL 1 + INPUT + INPUT 2 - INPUT - INPUT 3 + OUTPUT + OUTPUT 4 NO PIN COMMON 5 - OUTPUT - OUTPUT 6 CTRL (Option) CTRL (Option) 0.400 (10.16) 0.400 (10.16) 0.50 (12.7) 1.00 (25.4) 0.40 (10.2) 1. All dimensions in Inches (mm) Tolerance: X.XX±0.02 (X.X±0.5) X.XXX±0.01 (X.XX±0.25) 2. Pin pitch tolerance ±0.01(0.25) 3. Pin dimension tolerance ±0.004 (0.1) 0.100 (2.54) 0.200 (5.08) 0.22 (5.6) 1 2 3 4 5 6 BOTTOM VIEW PIN CONNECTION PIN SINGLE DUAL 1 +INPUT +INPUT 2 -INPUT -INPUT 3 +OUTPUT +OUTPUT 4 NO PIN COMMON 5 -OUTPUT -OUTPUT 6 CTRL (Option) CTRL (Option) Recommended Filter for EN55022 Class B Compliance +Vin -Vin +Vout -Vout L1 D/D Converter C1 C4 C3 Load C2 +INPUT -INPUT 1 2 3 4 Recommended EN55022 Class B Filter Circuit Layout The components used in the Figure 1, together with the manufacturers’ part numbers for these components, are as follows: C1 C2 C3 C4 L1 DM12xxx-xxxx 4.7uF/50V N/A 1000pF/2KV 1000pF/2KV 325uH Common Choke DM24xxx-xxxx 3.3uF/50V N/A 1000pF/2KV 1000pF/2KV 325uH Common Choke DM48xxx-xxxx 2.2uF/100V 2.2uF/100V 1000pF/2KV 1000pF/2KV 325uH Common Choke FIGURE 1 FIGURE 2 -INPUT +INPUT TOP VIEW DM SERIES |
유사한 부품 번호 - DM12D15-500 |
|
유사한 설명 - DM12D15-500 |