전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM139J 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LM139J
상세설명  QUAD DIFFERENTIAL COMPARATORS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM139J 데이터시트(HTML) 1 Page - Texas Instruments

  LM139J Datasheet HTML 1Page - Texas Instruments LM139J Datasheet HTML 2Page - Texas Instruments LM139J Datasheet HTML 3Page - Texas Instruments LM139J Datasheet HTML 4Page - Texas Instruments LM139J Datasheet HTML 5Page - Texas Instruments LM139J Datasheet HTML 6Page - Texas Instruments LM139J Datasheet HTML 7Page - Texas Instruments LM139J Datasheet HTML 8Page - Texas Instruments LM139J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
2OUT
VCC
2IN-
2IN+
1IN-
1IN+
OUT3
OUT4
GND
4IN+
4IN-
3IN+
3IN-
LM139, LM139A . . . D, J, OR W PACKAGE
LM239 . . . D, N, OR PW PACKAGE
LM239A . . . D PACKAGE
LM339, LM339A . . . D, DB, N, NS, OR PW PACKAGE
LM2901 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
3
2
1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
GND
NC
4IN+
NC
4IN-
VCC
NC
2IN-
NC
2IN+
LM139, LM139A . . . FK PACKAGE
(TOP VIEW)
NC - No inter nal connection
LM139, LM239, LM339
LM139A, LM239A, LM339A
LM2901, LM2901AV, LM2901V
www.ti.com
SLCS006S – OCTOBER 1979 – REVISED AUGUST 2012
QUAD DIFFERENTIAL COMPARATORS
Check for Samples: LM139, LM239, LM339, LM139A, LM239A, LM339A, LM2901, LM2901AV, LM2901V
1
FEATURES
Wide Supply Ranges
Low Input Bias Current: 25 nA (Typ)
Single Supply: 2 V to 36 V
Low Input Offset Current: 3 nA (Typ) (LM139)
(Tested to 30 V for Non-V Devices and 32 V
Low Input Offset Voltage: 2 mV (Typ)
for V-Suffix Devices)
Common-Mode Input Voltage Range Includes
Dual Supplies: ±1 V to ±18 V
Ground
(Tested to ±15 V for Non-V Devices and
Differential Input Voltage Range Equal to
±16 V for V-Suffix Devices)
Maximum-Rated Supply Voltage: ±36 V
Low Supply-Current Drain Independent of
Low Output Saturation Voltage
Supply Voltage: 0.8 mA (Typ)
Output Compatible With TTL, MOS, and CMOS
DESCRIPTION/ORDERING INFORMATION
These devices consist of four independent voltage comparators that are designed to operate from a single power
supply over a wide range of voltages. Operation from dual supplies also is possible, as long as the difference
between the two supplies is 2 V to 36 V, and VCC is at least 1.5 V more positive than the input common-mode
voltage. Current drain is independent of the supply voltage. The outputs can be connected to other open-
collector outputs to achieve wired-AND relationships.
The LM139 and LM139A are characterized for operation over the full military temperature range of –55°C to
125°C. The LM239 and LM239A are characterized for operation from –25°C to 125°C. The LM339 and LM339A
are characterized for operation from 0°C to 70°C. The LM2901, LM2901AV, and LM2901V are characterized for
operation from –40°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1979–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


유사한 부품 번호 - LM139J

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM139J NSC-LM139J Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139J TI-LM139J Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139J TI-LM139J Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139J TI-LM139J Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139J TI1-LM139J Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

유사한 설명 - LM139J

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
[Old version datasheet]   Quad Differential Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139 Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
Estek Electronics Co. L...
ET-LM339 ESTEK-ET-LM339 Datasheet
277Kb / 6P
   Quad Differential Comparators
logo
Texas Instruments
LM2901ID TI-LM2901ID Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI-LM139_07 Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139 TI1-LM139_15 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Differential Comparators
LM111 TI1-LM111_15 Datasheet
2Mb / 38P
[Old version datasheet]   Quad Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com