전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1S10-M0 데이터시트(PDF) 1 Page - PANDUIT CORP.

부품명 TA1S10-M0
상세설명  4-Way Tie Anchor Mounts-Screw Applied
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANDUIT [PANDUIT CORP.]
홈페이지  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TA1S10-M0 데이터시트(HTML) 1 Page - PANDUIT CORP.

  TA1S10-M0 Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
4-Way Tie Anchor Mounts – Screw Applied
• 4-way cable tie entry makes part orientation fast and easy
• Small overall size allows for use where space is limited
‡Cable tie cross section sizes: M = Miniature, I = Intermediate, S = Standard, SGM = Super-Grip ® Miniature, SGI = Super-Grip ® Intermediate,
and SGS = Super-Grip ® Standard.
.38
(9.5)
.75
(19.0)
.20
(5.1)
• Install perpendicular to the wire bundle
• Elongated slot permits cable bundle adjustment in application
• Low profile design keeps bundle close to mounting surface where
overhead space is limited
• Material: Nylon 6.6
‡Cable tie cross section sizes: M = Miniature, I = Intermediate, and S = Standard.
.195"
(5.0)
.50"
(12.7)
.125"
(3.2)
1.23"
(31.2)
Part Number
Used with
Cable Ties‡
Color
Environment
Mounting
Method
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
TA2-C
M, I, S
Natural
Indoors
#10 (M5) Screw
100
1000
TA2-M
1000
5000
Tie Anchor Mounts – Screw Applied
Part Number
Used With
Cable Ties‡
Hole Diameter
Material
Color
Environment
Mounting
Method
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
TA1S8-C
M, I, S
0.17
4.3
Nylon 6.6
Natural
Indoors
#8 (M4) Screw
100
500
TA1S8-M0
0.17
4.3
Weather
Resistant Nylon
6.6
Black
Outdoors
#8 (M4) Screw
1000
5000
TA1S8-M30
0.17
4.3
Heat Stabilized
Nylon 6.6
Black
Indoors
#8 (M4) Screw
1000
5000
TA1S8-M69
0.17
4.3
Flame Retardant
Nylon 6.6
Natural
Indoors
#8 (M4) Screw
1000
5000
TA1S10-C
0.17
4.3
Nylon 6.6
Natural
Indoors
#10 (M5)
Screw
100
500
TA1S10-M0
0.20
5.1
Weather
Resistant Nylon
6.6
Black
Outdoors
#10 (M5)
Screw
1000
5000
Super-Grip ® Cable Tie Mounts
SGTA1S8-C
SGM,SGI,SGS
0.17
4.3
Nylon 6.6
Natural
Indoors
#8 (M4) Screw
100
500


유사한 부품 번호 - TA1S10-M0

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TA1S15A ETC2-TA1S15A Datasheet
70Kb / 1P
   SineWave (VC) TCXO Oscillator
logo
Caliber Electronics Inc...
TA1S15A CALIBER-TA1S15A Datasheet
75Kb / 1P
   SineWave (VC) TCXO Oscillator
logo
List of Unclassifed Man...
TA1S15AV ETC2-TA1S15AV Datasheet
70Kb / 1P
   SineWave (VC) TCXO Oscillator
logo
Caliber Electronics Inc...
TA1S15AV CALIBER-TA1S15AV Datasheet
75Kb / 1P
   SineWave (VC) TCXO Oscillator
logo
List of Unclassifed Man...
TA1S15B ETC2-TA1S15B Datasheet
70Kb / 1P
   SineWave (VC) TCXO Oscillator
More results

유사한 설명 - TA1S10-M0

제조업체부품명데이터시트상세설명
logo
PANDUIT CORP.
TM1A-C PANDUIT-TM1A-C Datasheet
73Kb / 1P
   Tie Mounts - Applied with User Supplied Adhesives
logo
List of Unclassifed Man...
FTH-34-01 ETC-FTH-34-01 Datasheet
19Kb / 1P
   TIE ANCHOR MOUNT
21/02/11
CTM10C2 ETC-CTM10C2 Datasheet
141Kb / 4P
   Cable Tie Anchor Mount, .58
logo
PANDUIT CORP.
SG100M-C PANDUIT-SG100M-C Datasheet
291Kb / 4P
   SUPER-GRIP??Cable Ties & Cable Tie Mounts
ABM1M-A-C PANDUIT-ABM1M-A-C Datasheet
191Kb / 1P
   Tak-Ty Hook Loop Cable Tie Mounts
logo
OEN India Limited
04-SM1X OENINDIA-04-SM1X Datasheet
43Kb / 1P
   Standard Nylon Screw Mounts
logo
List of Unclassifed Man...
TDS ETC-TDS Datasheet
1Mb / 6P
   SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
481-0200 ETC2-481-0200 Datasheet
113Kb / 2P
   Screw Mount Cable Tie
logo
PANDUIT CORP.
KIMS-H430-C6 PANDUIT-KIMS-H430-C6 Datasheet
81Kb / 2P
   Easy Selection Guide For Adhesive Backed Cable Tie Mounts
logo
Tripp Lite. All Rights ...
P568-000-LOCK TRIPPLITE-P568-000-LOCK Datasheet
197Kb / 2P
   HDMI Cable Lock - Clamp/Tie/Screw
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com