전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMG36S 데이터시트(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

부품명 FMG36S
상세설명  20.0 Ampere SwitchMode Common Cathode Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THINKISEMI [Thinki Semiconductor Co., Ltd.]
홈페이지  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FMG36S 데이터시트(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FMG36S Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FMG36S Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
600
420
600
20.0
10.0
200
175
0.98
1.3
1.7
35
250
120
70
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
nS
400
280
400
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=125
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 10.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
®
FMG32S thru FMG36S
Pb Free Plating Product
FMG32S thru FMG36S
20.0 Ampere SwitchMode Common Cathode Super Fast Rectifiers
Pb
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.04
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: TO-247AD/TO-3P
High surge current capability
Weight: 5.6 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
Unit : inch (mm)
Application
Positive
Negative
Doubler
Common Cathode
Case
Case
Case
Common Anode
Suffix "R"
Suffix "U"
Suffix "S"
Automotive Inverters/Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Tandem Polarity
TO-3P/TO-247AD
.199(5.05)
.142(3.6)
.126(3.2)
.030(0.75)
.050(1.25)
.225(5.7)
.225(5.7)
.640(16.25)
.175(4.45)
.125(3.2)
.110(2.8)
.017(0.45)
.045(1.15)
.204(5.2)
.204(5.2)
.095(2.4)
.620(15.75)
FMG32S
FMG33S
FMG36S
FMG34S


유사한 부품 번호 - FMG36S

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FMG36S ISC-FMG36S Datasheet
90Kb / 2P
   Ultrafast recovery time
logo
Thinki Semiconductor Co...
FMG36S THINKISEMI-FMG36S Datasheet
1,014Kb / 3P
   20.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

유사한 설명 - FMG36S

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
FMU32S THINKISEMI-FMU32S Datasheet
621Kb / 2P
   20.0 Ampere SwitchMode Common Cathode Fast Recovery Rectifiers
FMG32R THINKISEMI-FMG32R Datasheet
635Kb / 2P
   20.0 Ampere SwitchMode Common Anode Super Fast Rectifiers
SF201C THINKISEMI-SF201C Datasheet
759Kb / 2P
   20.0 Ampere Heatsink Dual Common Cathode Super Fast Recovery Rectifiers
SF201CT THINKISEMI-SF201CT Datasheet
741Kb / 2P
   20.0 Ampere Heatsink Dual Common Cathode Super Fast Recovery Rectifiers
SF201CTG THINKISEMI-SF201CTG Datasheet
741Kb / 2P
   20.0 Ampere Heatsink Dual Common Cathode Super Fast Recovery Rectifiers
20S20FA THINKISEMI-20S20FA_V01 Datasheet
280Kb / 2P
   20.0 Ampere Insulated Dual Common Cathode Super Fast Recovery Rectifiers
Rev.12T
FMU32R THINKISEMI-FMU32R Datasheet
624Kb / 2P
   20.0 Ampere SwitchMode Common Anode Fast Recovery Rectifiers
FMG32U THINKISEMI-FMG32U Datasheet
621Kb / 2P
   20.0 Ampere SwitchMode Dual Doubler Super Fast Rectifiers
U2080G THINKISEMI-U2080G Datasheet
349Kb / 2P
   20.0 Ampere Heatsink Common Cathode Ultra Fast Recovery Rectifiers
MUR2020FCT THINKISEMI-MUR2020FCT Datasheet
756Kb / 2P
   20.0 Ampere Insulated Common Cathode Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com