전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMG6A 데이터시트(PDF) 1 Page - Rohm

부품명 FMG6A
상세설명  NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

FMG6A 데이터시트(HTML) 1 Page - Rohm

  FMG6A Datasheet HTML 1Page - Rohm FMG6A Datasheet HTML 2Page - Rohm FMG6A Datasheet HTML 3Page - Rohm FMG6A Datasheet HTML 4Page - Rohm FMG6A Datasheet HTML 5Page - Rohm FMG6A Datasheet HTML 6Page - Rohm FMG6A Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
EMG6 / UMG6N / FMG6A
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
lOutline
lFeatures
1) Built-In Biasing Resistors.
2) Two DTC144T chips in one package.
3) Emitter-common type.
4) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see inner circuit).
5) The bias resistors consist of thin-film resistors
lInner circuit
with complete isolation to allow negative biasing
of the input. They also have the advantage of
completely eliminating parasitic effects.
6) Only the on/off conditions need to be set for
operation, making the circuit design easy.
7) Lead Free/RoHS Compliant.
lApplication
Inverter circuit, Interface circuit, Driver circuit
lPackaging specifications
3,000
G6
UMG6N
UMT5
2021
TR
180
8
SMT5
2928
T148
180
8
8,000
G6
8
Tape width
(mm)
Basic
ordering
unit (pcs)
Marking
Reel size
(mm)
EMG6
EMT5
1616
T2R
180
3,000
G6
FMG6A
Part No.
Package
Package
size
(mm)
Taping
code
R1
47kW
Parameter
Tr1 and Tr2
VCEO
50V
IC(MAX.)
100mA
EMT5
UMT5
SMT5
EMG6
(SC-107BB)
FMG6A
(SC-74A)
UMG6N
SOT-353 (SC-88A)
(1)
(5)
(4)
(2)
(3)
(4)
Collector
Base
(3)
Emitter
(2)
(5)
Collector
Base
(1)
(2)
Collector
Base
(3)
Emitter
(4)
(1)
Collector
Base
(5)
EMG6 / UMG6N
FMG6A
(5)
(1)
(2)
(4)
(3)
(2)
(1)
(3)
(4)
(5)
1/6
2012.06 - Rev.B


유사한 부품 번호 - FMG6A

제조업체부품명데이터시트상세설명
logo
Rohm
FMG6A ROHM-FMG6A Datasheet
72Kb / 2P
   General purpose (dual digital transistors)
FMG6A ROHM-FMG6A Datasheet
71Kb / 3P
   General purpose (dual digital transistors)
FMG6A ROHM-FMG6A Datasheet
159Kb / 3P
   General purpose (dual digital transistors)
FMG6A ROHM-FMG6A Datasheet
1Mb / 10P
   Emitter common(dual digital transistor)
More results

유사한 설명 - FMG6A

제조업체부품명데이터시트상세설명
logo
Rohm
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH11NTN ROHM-UMH11NTN Datasheet
471Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG5T2R ROHM-EMG5T2R Datasheet
420Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG3 ROHM-UMG3 Datasheet
422Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG2AT148 ROHM-FMG2AT148 Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors
UMH8NTR ROHM-UMH8NTR Datasheet
361Kb / 6P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG2NTR ROHM-UMG2NTR Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG8AT148 ROHM-FMG8AT148 Datasheet
435Kb / 7P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMH2 ROHM-EMH2_12 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG1T2R ROHM-EMG1T2R Datasheet
463Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com