전자부품 데이터시트 검색엔진 |
|
SMCJ13 데이터시트(PDF) 4 Page - Microsemi Corporation |
|
SMCJ13 데이터시트(HTML) 4 Page - Microsemi Corporation |
4 / 4 page SURFACE MOUNT 1500 Watt Transient Voltage Suppressor Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 4 S C O T TS DALE DIVISION SMCJ5.0 thru SMCJ170CA, e3 and SMCG5.0 thru SMCG170CA, e3 GRAPHS Copyright © 2009 SA3-43, REV F, 5-24-09 FIGURE 2 – PULSE WAVEFORM 100 10 1.0 0 (Waveform – See Figure 2) Non-repetitive Test wave form parameterxs tr = 10 μsec. tp = 1000 μsec. 1 μs 10 μsec 100 μsec 1ms 10ms tp – Pulse Time – sec FIGURE 1 – Peak Pulse Power vs. Pulse Time PAD LAYOUT INCHES mm A .390 9.90 B .110 2.79 C .150 3.81 INCHES mm A 0.510 12.95 B 0.110 2.79 C 0.150 3.81 TL Lead Temperature oC FIGURE 4 FIGURE 3 – Derating Curve T ypical Capacitance vs. SMCJ SMCG Breakdown Voltage PACKAGE DIMENSIONS DO-214AB DO-215AB DIMENSIONS IN INCHES A B C D E F K L MIN .115 .260 .220 .305 .077 .380 .025 .030 MAX .121 .280 .245 .320 .104 .400 .040 .060 DIMENSIONS IN MILLIMETERS MIN 2.92 6.60 5.59 7.75 1.95 9.65 0.635 .760 MAX 3.07 7.11 6.22 8.13 2.65 10.16 1.016 1.520 Typical Standoff Height: 0.004” – 0.008” (0.1mm – 0.2mm) |
유사한 부품 번호 - SMCJ13 |
|
유사한 설명 - SMCJ13 |