전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9281 데이터시트(PDF) 2 Page - Analog Devices

부품명 AD9281
상세설명  Dual Channel 8-Bit Resolution CMOS ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9281 데이터시트(HTML) 2 Page - Analog Devices

  AD9281 Datasheet HTML 1Page - Analog Devices AD9281 Datasheet HTML 2Page - Analog Devices AD9281 Datasheet HTML 3Page - Analog Devices AD9281 Datasheet HTML 4Page - Analog Devices AD9281 Datasheet HTML 5Page - Analog Devices AD9281 Datasheet HTML 6Page - Analog Devices AD9281 Datasheet HTML 7Page - Analog Devices AD9281 Datasheet HTML 8Page - Analog Devices AD9281 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
–2–
AD9281–SPECIFICATIONS
(AVDD = +3 V, DVDD = +3 V, FSAMPLE = 28 MSPS, VREF = 2 V, INB = 0.5 V, TMIN to TMAX
unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Units
Condition
RESOLUTION
8
Bits
CONVERSION RATE
FS
28
MHz
(32 MHz at +25
°C)
DC ACCURACY
Differential Nonlinearity
DNL
±0.1
LSB
REFT = 1.0 V, REFB = 0.0 V
Integral Nonlinearity
INL
±0.25
LSB
Differential Nonlinearity (SE)
1
DNL
±0.2
±1.0
LSB
REFT = 1.0 V, REFB = 0.0 V
Integral Nonlinearity (SE)1
INL
±0.3
±1.5
LSB
Zero-Scale Error, Offset Error
EZS
±1
±3.2
% FS
Full-Scale Error, Gain Error
EFS
±1.2
±5.4
% FS
Gain Match
±0.2
LSB
Offset Match
±1.2
LSB
ANALOG INPUT
Input Voltage Range
AIN
–0.5
AVDD/2
V
Input Capacitance
CIN
2pF
Aperture Delay
tAP
4ns
Aperture Uncertainty (Jitter)
tAJ
2ps
Aperture Delay Match
2
ps
Input Bandwidth (–3 dB)
BW
Small Signal (–20 dB)
240
MHz
Full Power (0 dB)
245
MHz
INTERNAL REFERENCE
Output Voltage (1 V Mode)
VREF
1
V
REFSENSE = VREF
Output Voltage Tolerance (1 V Mode)
±10
mV
Output Voltage (2 V Mode)
VREF
2
V
REFSENSE = GND
Output Voltage Tolerance (2 V Mode)
±15
mV
Load Regulation (1 V Mode)
VREF
±10
±35
mV
1 mA Load Current
Load Regulation (2 V Mode)
±15
mV
1 mA Load Current
POWER SUPPLY
Operating Voltage
AVDD
2.7
3
5.5
V
DVDD
2.7
3
5.5
V
Supply Current
IAVDD
75
mA
IDVDD
0.1
mA
Power Consumption
PD
225
260
mW
Power-Down
16
mW
STBY = AVDD, Clock Low
Power Supply Rejection
PSR
0.15
0.75
% FS
DYNAMIC PERFORMANCE
2
Signal-to-Noise and Distortion
SINAD
f = 3.58 MHz
46.4
49.1
dB
f = 14 MHz
48
dB
Signal-to-Noise
SNR
f = 3.58 MHz
47.8
49.2
dB
f = 14 MHz
48.5
dB
Total Harmonic Distortion
THD
f = 3.58 MHz
–67.5
–49.5
dB
f = 14 MHz
–60
dB
Spurious Free Dynamic Range
SFDR
f = 3.58 MHz
49.6
65
dB
f = 14 MHz
56
dB
Two-Tone Intermodulation Distortion
3
IMD
–58
dB
f = 44.9 MHz and 45.52 MHz
Differential Phase
DP
0.2
Degree
NTSC 40 IRE Mod Ramp
Differential Gain
DG
0.08
%
FS = 14.3 MHz
Crosstalk Rejection
–62
dB
REV. F


유사한 부품 번호 - AD9281

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9281 AD-AD9281 Datasheet
406Kb / 19P
   Dual Channel 8-Bit Resolution CMOS ADC
REV. E
AD9281 AD-AD9281 Datasheet
411Kb / 16P
   Resolution CMOS ADC
AD9281-EB AD-AD9281-EB Datasheet
406Kb / 19P
   Dual Channel 8-Bit Resolution CMOS ADC
REV. E
AD9281-EB AD-AD9281-EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9281ARS AD-AD9281ARS Datasheet
406Kb / 19P
   Dual Channel 8-Bit Resolution CMOS ADC
REV. E
More results

유사한 설명 - AD9281

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9281ARSZ AD-AD9281ARSZ Datasheet
329Kb / 15P
   Dual Channel 8-Bit Resolution CMOS ADC
Rev. F
AD9281 AD-AD9281_15 Datasheet
329Kb / 15P
   Dual Channel 8-Bit Resolution CMOS ADC
REV. F
AD9281 AD-AD9281 Datasheet
406Kb / 19P
   Dual Channel 8-Bit Resolution CMOS ADC
REV. E
AD9201ARSZ AD-AD9201ARSZ Datasheet
75Kb / 4P
   Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
AD9201 AD-AD9201 Datasheet
431Kb / 20P
   Dual Channel, 20 MHz 10-Bit Resolution CMOS ADC
REV. D
AD9281 AD-AD9281_17 Datasheet
411Kb / 16P
   Resolution CMOS ADC
AD9201 AD-AD9201_17 Datasheet
467Kb / 21P
   Resolution CMOS ADC
logo
Maxim Integrated Produc...
MAX19506 MAXIM-MAX19506_V01 Datasheet
1Mb / 35P
   Dual-Channel, 8-Bit, 100Msps ADC
2010
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19507 MAXIM-MAX19507 Datasheet
417Kb / 34P
   Dual-Channel, 8-Bit, 130Msps ADC
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com