전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

350-1681-ND 데이터시트(PDF) 2 Page - Dialight Corporation

부품명 350-1681-ND
상세설명  LED CBI Circuit Board Indicator .120 High LED Centerline
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIALIGHT [Dialight Corporation]
홈페이지  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

350-1681-ND 데이터시트(HTML) 2 Page - Dialight Corporation

  350-1681-ND Datasheet HTML 1Page - Dialight Corporation 350-1681-ND Datasheet HTML 2Page - Dialight Corporation 350-1681-ND Datasheet HTML 3Page - Dialight Corporation 350-1681-ND Datasheet HTML 4Page - Dialight Corporation 350-1681-ND Datasheet HTML 5Page - Dialight Corporation 350-1681-ND Datasheet HTML 6Page - Dialight Corporation 350-1681-ND Datasheet HTML 7Page - Dialight Corporation 350-1681-ND Datasheet HTML 8Page - Dialight Corporation 350-1681-ND Datasheet HTML 9Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
4-20 Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
551-xx09
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
551-0209
Green
563
16
2.1
10
45°
521-9408
4-64
551-0309
Yellow
585
6.3
2.1
10
45°
521-9428
4-64
551-0409
Red
650
10
2
10
45°
521-9427
4-64
551-0809
Blue
428
12
3.5
10
70°
521-9831
4-57
551-2509
Orange
600
7
2.2
10
60°
521-9498
4-58
HIGH EFFICIENCY
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
551-1109
Red
635
1.6
1.7
2
60°
521-9324
4-60
551-1209
Yellow
585
1.6
1.8
2
60°
521-9325
4-60
551-1309
Green
565
1.6
1.9
2
60°
521-9326
4-60
LOW CURRENT
Peak
IV
Test
Forward
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Voltage
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
551-0509
Red
635
29
5
10
60°
521-9215
4-59
551-0609
Green
565
19
5
10
60°
521-9323
4-59
551-0709
Yellow
585
12.6
5
10
60°
521-9322
4-59
INTEGRAL RESISTOR, 5 VOLTS
Peak
IV
VF
Test
Viewing
LED
Part Number
Color
Wavelength nm
mcd
Volts
Current (mA)
Angle 2
Θ
Θ½
Data sheet
Page #
551-3009
Red/Green
635/565
4.7/10
2
10
50°
521-9459
4-63
551-3109
Yellow/Green
585/565
4.3/6.3
2.1*/2.1*
10
80°
521-9478
4-62
BI-COLOR
Typical Operating Characteristics (TA=25°C)
See LED data sheet for additional information
See page 4-70 and 4-71 for Reference Only LED Drive Circuit Examples. See page 4-72 for Pin Out
* IF = 20mA


유사한 부품 번호 - 350-1681-ND

제조업체부품명데이터시트상세설명
logo
Mill-Max Mfg. Corp.
350-10-101-00-001000 MILL-MAX-350-10-101-00-001000 Datasheet
116Kb / 1P
   HEADER STRIPS .100??Grid Solder Tail Single Row
350-10-101-00-006000 MILL-MAX-350-10-101-00-006000 Datasheet
315Kb / 1P
   INTERCONNECTS 2,54 Grid (0,46 dia.) Pins, Straight and Right Angle Single Row
350-10-102-00-106000 MILL-MAX-350-10-102-00-106000 Datasheet
199Kb / 1P
   INTERCONNECTS .100??Grid (.018??dia.) Pins SMT Gull Wing Headers & Sockets Single and Double Row
350-10-102-00-107000 MILL-MAX-350-10-102-00-107000 Datasheet
199Kb / 1P
   INTERCONNECTS .100??Grid (.018??dia.) Pins SMT Gull Wing Headers & Sockets Single and Double Row
logo
Precid-Dip Durtal SA
350-10-108-00-012 PREDIP-350-10-108-00-012 Datasheet
25Kb / 1P
   PCB connectors 1.778 and 1.8 mm Single row Solder tail
More results

유사한 설명 - 350-1681-ND

제조업체부품명데이터시트상세설명
logo
Dialight Corporation
551-XX09 DIALIGHT-551-XX09 Datasheet
70Kb / 9P
   3mm LED CBI Circuit Board Indicator 120 High LED Centerline
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
551-XX07 DIALIGHT-551-XX07 Datasheet
73Kb / 9P
   3mm LED CBI Circuit Board Indicator 200 High LED Centerline
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
551-XX07-004 DIALIGHT-551-XX07-004 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
551-0607F DIALIGHT-551-0607F Datasheet
78Kb / 9P
   3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
555-2XXX DIALIGHT-555-2XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com