전자부품 데이터시트 검색엔진 |
|
1N4934G 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers |
|
1N4934G 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 2 page WEJ ELECTRONIC CO.,LTD Maximum RMS Voltage Maximum Average Forward Rectified Current 0.375 (9.5mm) lead length at T =55 C ” A o Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current at rated DC blocking voltage T =25 C T =125 C A o A o Maximum Reverse Recovery Time(NOTE3) Typical Junction Capacitance(NOTE1) Typical Thermal Resistance(NOTE2) Operating and Storage Temperature Range NOTES: 1.Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts. 2.Thermal Resistance from Junction to Ambient at 0.375”(9.5mm) lead length,P.C.board mounted. 3. Test Conditions:I =1.0A V =30V,di/dt=50A/ s,and I =10% I for meastrement of t . F R RM rr rr SYMBOLS UNITS VRRM VRMS VDC I(AV) IFSM VF IR CJ T ,T J STG -65 to +175 50 200 100 1.3 30 1.0 400 400 280 600 600 420 Amp Amps Volts Amps n S p F O C/W O C Dimensions in inches and (millimeters) VOLTAGE RANGE CURRENT 50 to 600 Volts 1.0 Ampere 15 IN 4933G 5.0 200 200 140 100 100 70 50 50 35 IN 4934G IN 4935G IN 4936G IN 4937G trr FEATURES MECHANICAL DATA MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Fast switching for high efficiency High current surge capability Low leakage Glass passivated chip junction High temperature soldering guaranteed: 260 C/10 seconds/0.375 (9.5mm)lead length at 5 lbs (2,3kg) tension Transfer molded plastic UL94V-0 rate flame retardant Color band denotes cathode end Plated axial lead ,solderable per MIL-STD-202E method 208c Any 0.012 ounce,0.33 gram Ratings at 25 C ambient temperature unless otherwise specified. Single phase,half wave,60Hz,resistive or inductive load. For capacitive load derate current by 20%. o Case: Epoxy: Polarity: Lead: Mounting position: Weight: o " Maximum Repetitive Peak Reverse Voltage Maximum DC Blocking Voltage .034(0.9) .028(0.7) DIA. 1.0(25.4) MIN .205(5.2) .165(4.2) .107(2.7) .080(2.0) DIA DO-41 1.0(25.4) MIN Volts Volts Volts FAST RECOVERY GLASS PASSIVATED RECTIFIER R JA 1N4933G-4937G Http:// www.wej.cn E-mail:wej@yongerjia.com WEJ ELECTRONIC CO. RoHS |
유사한 부품 번호 - 1N4934G |
|
유사한 설명 - 1N4934G |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |