전자부품 데이터시트 검색엔진 |
|
FDC10-24D12 데이터시트(PDF) 1 Page - Power Mate Technology Co., LTD |
|
FDC10-24D12 데이터시트(HTML) 1 Page - Power Mate Technology Co., LTD |
1 / 3 page Page 1 of 3 www.pduke.com 2014/4/30 FDC10(W) SERIES 10 WATTS DC-DC CONVERTER OUTPUT SPECIFICATIONS Output power 10 Watts, max. Voltage accuracy Single / Dual ± 1% Minimum load 0% Line regulation LL to HL at Full Load Single / Dual ± 0.2% Load regulation No Load to Full Load Single Dual ± 0.5% ± 1% Cross regulation(Dual) Asymmetrical load 25% / 100% FL ± 5% Ripple and noise 20MHz bandwidth Single Dual See table Temperature coefficient ±0.02% / ºC, max. Transient response recovery time 25% load step change 250µs Over voltage protection Zener diode clamp 3.3VDC output 5VDC output 12VDC output 15VDC output 3.9VDC 6.2VDC 15VDC 18VDC Over load protection % of FL at nominal input 150%, max. Short circuit protection Continuous, automatics recovery GENERAL SPECIFICATIONS Efficiency See table Isolation voltage Input to Output Input(Output) to Case 1600VDC, min. 1minute 1600VDC, min. 1minute Isolation resistance 500VDC 10 9 ohms, min. Isolation capacitance 300pF, max. Switching frequency 300kHz±10% Safety approvals IEC60950-1, UL60950-1, & EN60950-1 Case material Nickel-coated copper Base material Non-conductive black plastic Potting material Epoxy (UL94 V-0) Dimensions 2.00 X 1.00 X 0.40 Inch (50.8 X 25.4 X 10.2 mm) Weight 27g (0.95oz) MTBF (Note 1) MIL-HDBK-217F 3.342 x 10 6 hrs INPUT SPECIFICATIONS Input voltage range FDC10 FDC10-W 12VDC nominal input 24VDC nominal input 48VDC nominal input 24VDC nominal input 48VDC nominal input 9 ~ 18VDC 18 ~ 36VDC 36 ~ 75VDC 9 ~ 36VDC 18 ~ 75VDC Input filter Pi type Input surge voltage 12VDC input 24VDC input 48VDC input 36VDC 100ms, max. 50VDC 100ms, max. 100VDC 100ms, max. Input reflected ripple current 30mAp-p Start up time Nominal input and Constant resistive load Power up 20ms Remote ON/OFF (Option) (Note 6) (Positive logic) (Negative logic) DC-DC ON DC-DC OFF DC-DC ON DC-DC OFF Open or 3.5V < Vr < 12V Short or 0V < Vr < 1.2V Short or 0V < Vr < 1.2V Open or 3.5V < Vr < 12V Input current of remote control pin Nominal input -0.5mA ~ +1mA Remote off state input current Nominal input 20mA ENVIRONMENTAL SPECIFICATIONS Operating ambient temperature (Reference derating curve) Standard M1 (Note 7) M2 (W series) -25ºC ~ +85ºC (with derating) -40ºC ~ +85ºC (non-derating) -40ºC ~ +85ºC (with derating) Maximum case temperature +105ºC Storage temperature range -55ºC ~ +125ºC Thermal impedance (Note 8) Nature convection Nature convection with heat-sink 12ºC/watt 10ºC/watt Thermal shock MIL-STD-810F Vibration MIL-STD-810F Relative humidity 5% to 95% RH EMC CHARACTERISTICS EMI (Note 9) EN55022 Class B ESD EN61000-4-2 Air Contact ± 8kV ± 6kV Perf. Criteria B Radiated immunity EN61000-4-3 10 V/m Perf. Criteria A Fast transient (Note 10) EN61000-4-4 ± 2kV Perf. Criteria B Surge (Note 10) EN61000-4-5 ± 1kV Perf. Criteria B Conducted immunity EN61000-4-6 10 Vr.m.s Perf. Criteria A T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted. FEATURES • 10 WATTS OUTPUT POWER • OUTPUT CURRENT UP TO 2.5A • STANDARD 2.0 X 1.0 X 0.4 INCH PACKAGE • HIGH EFFICIENCY UP TO 87% • 2:1 AND 4:1 WIDE INPUT VOLTAGE RANGE • SIX-SIDED CONTINUOUS SHIELD • FIXED SWITCHING FREQUENCY (300kHz) • UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS • CE MARKED • COMPLIANT TO RoHS II & REACH OPTIONS NEGATIVE & POSITIVE LOGIC REMOTE ON/OFF DESCRIPTION The FDC10 and FDC10-W series offer 10 watts of output power from a 2.0 x 1.0 x 0.4 inch package. FDC10 series have 2:1 wide input voltage of 9 ~ 18, 18 ~ 36 and 36 ~ 75VDC. FDC10-W series have 4:1 ultra wide input voltage of 9 ~ 36 and 18 ~ 75VDC. APPLICATIONS Wireless Network Telecom/Datacom Industry Control System Measurement Equipment Semiconductor Equipment |
유사한 부품 번호 - FDC10-24D12 |
|
유사한 설명 - FDC10-24D12 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |