전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BY133 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 BY133
상세설명  High reverse voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

BY133 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  BY133 Datasheet HTML 1Page - List of Unclassifed Manufacturers BY133 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
1.2
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
30
20
10
0
1
2
4
6 8 10
20
40
60 80100
20
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
20
10
1.0
0.1
0.01
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
100
10
1
0.1
1.0
10
100
8.3ms Single Half Sine-Wave
(JEDEC Method) T =T max
j
j
T =100 C
j
o
T =25 C
j
o
T =25 C
Pulse Width=300us
1% Duty Cycle
j
o
FIG.1-TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
AMBIENT TEMPERATURE,( C)
o
NUMBER OF CYCLES AT 60 Hz
INSTANTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
REVRESE VOLTAGE,(V)
1 Cycle
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375 (9.5mm) Lead Length
T =25 C
f=1MHz
V =50mVp-p
j
o
sig
BY127-BY133
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


유사한 부품 번호 - BY133

제조업체부품명데이터시트상세설명
logo
Sangdest Microelectroni...
BY133 SMC-BY133 Datasheet
169Kb / 4P
   SILICON RECTIFIER
logo
Pan Jit International I...
BY133 PANJIT-BY133 Datasheet
51Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 1250 to 1600 Volts CURRENT - 1.0 Ampere)
logo
List of Unclassifed Man...
BY133 ETC2-BY133 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Diotec Semiconductor
BY133 DIOTEC-BY133 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
Shenzhen Ping Sheng Ele...
BY133 PFS-BY133 Datasheet
158Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
More results

유사한 설명 - BY133

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CMLSH05-10DA_1509 CENTRAL-CMLSH05-10DA_1509 Datasheet
1Mb / 2P
   High reverse voltage
logo
STMicroelectronics
STTH1512-Y STMICROELECTRONICS-STTH1512-Y Datasheet
151Kb / 9P
   High reverse voltage capability
July 2013 Rev 1
logo
P-tec Corporation
PL518-1R12-2 P-TEC-PL518-1R12-2 Datasheet
77Kb / 1P
   Reverse Voltage
PL518-1Y01-2 P-TEC-PL518-1Y01-2 Datasheet
77Kb / 1P
   Reverse Voltage
PL518-1R24 P-TEC-PL518-1R24 Datasheet
76Kb / 1P
   Reverse Voltage
PL518-1R24-2 P-TEC-PL518-1R24-2 Datasheet
77Kb / 1P
   Reverse Voltage
PL518-1Y01 P-TEC-PL518-1Y01 Datasheet
77Kb / 1P
   Reverse Voltage
logo
Siemens Semiconductor G...
BF420 SIEMENS-BF420 Datasheet
123Kb / 4P
   NPN Silicon Transistors With High Reverse Voltage (NPN Silicon Transistors With High Reverse Voltage)
logo
Leshan Radio Company
HF1200G LRC-HF1200G Datasheet
314Kb / 7P
   Fast Switching High Voltage Rectifiers Reverse Voltage 1200V
logo
STMicroelectronics
EVAL-VNH5019-P2 STMICROELECTRONICS-EVAL-VNH5019-P2 Datasheet
88Kb / 3P
   Reverse-voltage protection
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com