전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSFT4002 데이터시트(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

부품명 SSFT4002
상세설명  Special designed for Convertors and power controls
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILIKRON [Silikron Semiconductor Co.,LTD.]
홈페이지  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSFT4002 데이터시트(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSFT4002 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSFT4002 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSFT4002 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSFT4002 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSFT4002 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSFT4002 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SSFT4002
©Silikron Semiconductor CO.,LTD.
2010.09.03
Version : 1.1(preliminary)
page
2of6
www.silikron.com
Electrical Characterizes @T
A=25℃ unless otherwise specified
Parameter
Min.
Typ.
Max
Units
Conditions
BVDSS
Drain-to-Source breakdown voltage
40
V
VGS = 0V, ID = 250μA
RDS(on)
Static Drain-to-Source on-resistance
2.1
2.5
VGS = 10V, ID = 30A③
VGS(th)
Gate threshold voltage
2
4
V
VDS = VGS, ID = 250μA
IDSS
Drain-to-Source leakage current
10
μA
VDS = 40V, VGS = 0V
150
VDS = 40V, VGS = 0V, TJ =
125°C
IGSS
Gate-to-Source forward leakage
100
nA
VGS = 24V
Gate-to-Source reverse leakage
-100
VGS = -24V
Qg
Total gate charge
220
nC
ID = 75A VDS = 32V VGS =
10V③
Qgs
Gate-to-Source charge
56
Qgd
Gate-to-Drain("Miller") charge
56
td(on)
Turn-on delay time
33
ns
VDD = 20V ID = 75A RG = 3.0
Ω VGS = 10V③
tr
Rise time
133
td(off)
Turn-Off delay time
120
tf
Fall time
80
Ciss
Input capacitance
15300
pF
VGS = 0V VDS = 25V ƒ =
1.0MHz
Coss
Output capacitance
1290
Crss
Reverse transfer capacitance
306
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max
Units
Conditions
IS
Continuous
Source
Current
(Body Diode)
75
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
ISM
Pulsed
Source
Current (Body
Diode)
750
TJ = 25°C, IS = 75A, VGS = 0V③
VSD
Diode Forward
Voltage
0.85
1.3
V
TJ = 25°C, IF = 75A, VDD = 20V di/dt = 100A/μs③
trr
Reverse Recovery
Time
37
45
ns
TJ = 25°C, IF = 65A, VDD = 20V
di/dt = 100A/μs③
Qrr
Reverse Recovery
Charge
36
55
nC
ton
Forward Turn-on
Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)


유사한 부품 번호 - SSFT4002

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSFT4003 SILIKRON-SSFT4003 Datasheet
505Kb / 9P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSFT4003 GOOD-ARK-SSFT4003 Datasheet
1Mb / 8P
   40V N-Channel MOSFET
SSFT4003A GOOD-ARK-SSFT4003A Datasheet
1Mb / 8P
   40V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSFT4004 SILIKRON-SSFT4004 Datasheet
644Kb / 8P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSFT4004 GOOD-ARK-SSFT4004 Datasheet
1Mb / 7P
   40V N-Channel MOSFET
More results

유사한 설명 - SSFT4002

제조업체부품명데이터시트상세설명
logo
Shenzhen Huazhimei Semi...
HM60N10D HMSEMI-HM60N10D Datasheet
569Kb / 6P
   Special designed for convertors and power controls
logo
SanRex Corporation
PK90GB SANREX-PK90GB Datasheet
132Kb / 2P
   Designed for various rectifier circuits and power controls
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
List of Unclassifed Man...
T6615 ETC2-T6615 Datasheet
99Kb / 4P
   Compact CO2 Module Designed to Integrate Into Existing Controls and Equipment
5D51-35 ETC2-5D51-35 Datasheet
266Kb / 1P
   FAN AND LIMIT CONTROLS for universal replacement
T6613 ETC2-T6613 Datasheet
113Kb / 4P
   Small, Compact CO2 Module Designed to Integrate Into Existing Controls and Equipment
logo
Rectron Semiconductor
MJD45H11 RECTRON-MJD45H11 Datasheet
301Kb / 2P
   Designed for general purpose power and switching
MJD44H11 RECTRON-MJD44H11 Datasheet
302Kb / 2P
   Designed for general purpose power and switching
logo
Littelfuse
SCR430T LITTELFUSE-SCR430T Datasheet
321Kb / 2P
   Flashers and Tower Lighting Controls Tower and Obstruction Lighting Controls
Rev: 1-A-062316
logo
MERITEK ELECTRONICS COR...
RD MERITEK-RD Datasheet
130Kb / 2P
   industrial controls and instrumentation
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com