전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSPL50N30H 데이터시트(PDF) 1 Page - Silikron Semiconductor Co.,LTD.

부품명 SSPL50N30H
상세설명  Advanced MOSFET process technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILIKRON [Silikron Semiconductor Co.,LTD.]
홈페이지  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSPL50N30H 데이터시트(HTML) 1 Page - Silikron Semiconductor Co.,LTD.

  SSPL50N30H Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSPL50N30H Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSPL50N30H Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSPL50N30H Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSPL50N30H Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSPL50N30H Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSPL50N30H Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSPL50N30H Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SSPL50N30H
©Silikron Semiconductor CO.,LTD.
2014.07.09
Version : 1.2
page 1 of 8
www.silikron.com
Main Product Characteristics:
Features and Benefits:
Description:
Absolute Max Rating:
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
50
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
31
IDM
Pulsed Drain Current
192
PD @TC = 25°C
Power Dissipation
390
W
Linear Derating Factor
3.12
W/°C
VDS
Drain-Source Voltage
300
V
VGS
Gate-to-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy @ L=60mH
4465
mJ
IAS
Avalanche Current @ L=60mH
12.2
A
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
VDSS
300V
RDS(on)
45m
Ω(typ.)
ID
50A
TO-247
Marking and Pin
Assignment
Schematic Diagram
Advanced MOSFET process technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
150℃ operating temperature
It utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance with
high repetitive avalanche rating. These features combine to make this design an extremely efficient and reliable
device for use in power switching application and a wide variety of other applications.


유사한 부품 번호 - SSPL50N30H

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSPL5505 SILIKRON-SSPL5505 Datasheet
654Kb / 8P
   Advanced Process Technology
logo
GOOD-ARK Electronics
SSPL5505 GOOD-ARK-SSPL5505 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSPL5508 SILIKRON-SSPL5508 Datasheet
554Kb / 8P
   Advanced Process Technology
logo
GOOD-ARK Electronics
SSPL5508 GOOD-ARK-SSPL5508 Datasheet
1Mb / 7P
   55V N-Channel MOSFET
More results

유사한 설명 - SSPL50N30H

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
BSS138W SILIKRON-BSS138W Datasheet
469Kb / 6P
   Advanced MOSFET process technology
SSF1090D SILIKRON-SSF1090D Datasheet
441Kb / 8P
   Advanced MOSFET process technology
SSF2129H3 SILIKRON-SSF2129H3 Datasheet
550Kb / 7P
   Advanced MOSFET process technology
SSF3960J7-HF SILIKRON-SSF3960J7-HF Datasheet
548Kb / 7P
   Advanced MOSFET process technology
SSF4004S SILIKRON-SSF4004S Datasheet
518Kb / 8P
   Advanced MOSFET process technology
SSF6007 SILIKRON-SSF6007 Datasheet
509Kb / 6P
   Advanced MOSFET process technology
SSFD4004 SILIKRON-SSFD4004 Datasheet
567Kb / 8P
   Advanced MOSFET process technology
SSFT4003 SILIKRON-SSFT4003 Datasheet
505Kb / 9P
   Advanced MOSFET process technology
SSF6N70G SILIKRON-SSF6N70G Datasheet
457Kb / 8P
   Advanced MOSFET process technology
SSF2116EJ3 SILIKRON-SSF2116EJ3 Datasheet
353Kb / 6P
   Advanced MOSFET process technology
SSF4031C1 SILIKRON-SSF4031C1 Datasheet
497Kb / 6P
   Advanced MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com