전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCD20-48S05 데이터시트(PDF) 1 Page - Power Mate Technology Co., LTD

부품명 LCD20-48S05
상세설명  DC-DC CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  P-DUKE [Power Mate Technology Co., LTD]
홈페이지  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

LCD20-48S05 데이터시트(HTML) 1 Page - Power Mate Technology Co., LTD

  LCD20-48S05 Datasheet HTML 1Page - Power Mate Technology Co., LTD LCD20-48S05 Datasheet HTML 2Page - Power Mate Technology Co., LTD LCD20-48S05 Datasheet HTML 3Page - Power Mate Technology Co., LTD LCD20-48S05 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LCD20
1
www.PDUKE.com
2014/04/30
LCD20 SERIES
DC-DC CONVERTER
2:1 WIDE INPUT RANGE
UP TO 20Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
SMALL SIZE AND LOW PROFILE
:1.0 x 1.0 x 0.39 INCH
SIX-SIDED CONTINUOUS SHIELD
MEET EN55022 CLASS A WITHOUT EXTERNAL COMPONENTS
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
CE MARKED
COMPLIANT TO RoHS II & REACH
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
OVP
LOW
STANDBY
POWER
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25℃ otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load (1)
Model
Number
VDC
VDC
mA
mA
%
µ
F
LCD20-12S3P3
9 ~ 18
3.3
4500
10
89
7000
LCD20-12S05
9 ~ 18
5
4000
10
89
5000
LCD20-12S12
9 ~ 18
12
1670
10
89
850
LCD20-12S15
9 ~ 18
15
1330
10
89
700
LCD20-12D12
9 ~ 18
±12
±833
10
89
±500
LCD20-12D15
9 ~ 18
±15
±667
10
90
±350
LCD20-24S3P3
18 ~ 36
3.3
4500
10
90
7000
LCD20-24S05
18 ~ 36
5
4000
10
91
5000
LCD20-24S12
18 ~ 36
12
1670
6
90
850
LCD20-24S15
18 ~ 36
15
1330
6
91
700
LCD20-24D12
18 ~ 36
±12
±833
6
90
±500
LCD20-24D15
18 ~ 36
±15
±667
6
90
±350
LCD20-48S3P3
36 ~ 75
3.3
4500
10
90
7000
LCD20-48S05
36 ~ 75
5
4000
10
90
5000
LCD20-48S12
36 ~ 75
12
1670
4
90
850
LCD20-48S15
36 ~ 75
15
1330
4
90
700
LCD20-48D12
36 ~ 75
±12
±833
4
89
±500
LCD20-48D15
36 ~ 75
±15
±667
4
90
±350
PART NUMBER STRUCTURE
LCD20 - 48
S
05
-
A
HS
Series Name
Input
Voltage
(VDC)
Output
Quantity
Output
Voltage
(VDC)
Option
Assembly Option
S: Single
3P3:
05:
12:
15:
3.3
5
12
15
12:
24:
48:
9~18
18~36
36~75
D: Dual
12:
15:
±12
±15
:
A:
B:
C:
D:
E:
Negative logic remote ON/OFF(Standard)
Positive logic remote ON/OFF
Without Ctrl pin
Negative logic remote ON/OFF without Trim pin
Without Ctrl & Trim pin
Positive logic remote ON/OFF without Trim pin
:
HS:
HC:
No assembly
Heat-sink
Heat-sink with Clamp


유사한 부품 번호 - LCD20-48S05

제조업체부품명데이터시트상세설명
logo
Make-Ps
LCD20-48S05 MAKE-PS-LCD20-48S05 Datasheet
1Mb / 3P
   Single & Dual Output DC/DC Converter
logo
Power Mate Technology C...
LCD20-48S05W P-DUKE-LCD20-48S05W Datasheet
497Kb / 4P
   DC-DC CONVERTER
More results

유사한 설명 - LCD20-48S05

제조업체부품명데이터시트상세설명
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com