전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSPL2015F 데이터시트(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

부품명 SSPL2015F
상세설명  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILIKRON [Silikron Semiconductor Co.,LTD.]
홈페이지  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSPL2015F 데이터시트(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSPL2015F Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSPL2015F Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSPL2015F Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSPL2015F Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSPL2015F Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSPL2015F Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSPL2015F Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSPL2015F Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SSPL2015F
©Silikron Semiconductor CO.,LTD.
2013.10.16
Version : 1.0
page 2 of 8
www.silikron.com
Thermal Resistance
Symbol
Characteristics
Typ.
Max.
Units
RθJC
Junction-to-case
2.0
°C/W
RθJA
Junction-to-ambient (t ≤ 10s)
62
°C/W
Junction-to-Ambient (PCB mounted, steady-state)
40
°C/W
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
200
V
VGS = 0V, ID= 250μA
RDS(on)
Static Drain-to-Source on-resistance
0.13
0.15
Ω
VGS=10V,ID =11A
0.27
TJ = 125°C
VGS(th)
Gate threshold voltage
2
4
V
VDS = VGS, ID = 250μA
2.26
TJ = 125°C
IDSS
Drain-to-Source leakage current
1
μA
VDS =200V,VGS = 0V
50
TJ = 125°C
IGSS
Gate-to-Source forward leakage
100
nA
VGS =20V
-100
VGS = -20V
Qg
Total gate charge
27
nC
ID = 11A,
VDS=160V,
VGS = 10V
Qgs
Gate-to-Source charge
5.4
Qgd
Gate-to-Drain("Miller") charge
11
td(on)
Turn-on delay time
11
nS
VGS=10V, VDD =100V,
RL=9.2Ω,RGEN=2.55Ω
ID =11A
tr
Rise time
23
td(off)
Turn-Off delay time
22
tf
Fall time
5.2
Ciss
Input capacitance
1010
pF
VGS = 0V
VDS = 25V
ƒ = 1MHz
Coss
Output capacitance
240
Crss
Reverse transfer capacitance
57
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
18
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode)
72
A
V
SD
Diode Forward Voltage
0.87
1.3
V
IS=11A, VGS=0V, TJ = 25°C
trr
Reverse Recovery Time
128
nS
TJ = 25°C, IF =11A,
di/dt = 100
A/μs
Qrr
Reverse Recovery Charge
819
nC


유사한 부품 번호 - SSPL2015F

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSPL2015 SILIKRON-SSPL2015 Datasheet
577Kb / 8P
   Advanced Process Technology
logo
GOOD-ARK Electronics
SSPL2015 GOOD-ARK-SSPL2015 Datasheet
1,015Kb / 7P
   200V N-Channel MOSFET
logo
Silikron Semiconductor ...
SSPL2015D SILIKRON-SSPL2015D Datasheet
569Kb / 8P
   Advanced Process Technology
More results

유사한 설명 - SSPL2015F

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com