전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSPL7508 데이터시트(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

부품명 SSPL7508
상세설명  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILIKRON [Silikron Semiconductor Co.,LTD.]
홈페이지  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSPL7508 데이터시트(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSPL7508 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSPL7508 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSPL7508 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSPL7508 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSPL7508 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSPL7508 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSPL7508 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSPL7508 Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SSPL7508
©Silikron Semiconductor CO.,LTD.
2011.11.28
Version : 1.0
page 2 of 8
www.silikron.com
Thermal Resistance
Symbol
Characterizes
Typ.
Max.
Units
RθJC
Junction-to-case
0.48
°C/W
RθJA
Junction-to-ambient (t ≤ 10s)
62
°C/W
Junction-to-Ambient (PCB mounted, steady-state)
40
°C/W
Electrical Characterizes @T
A=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
75
V
VGS = 0V, ID= 250μA
RDS(on)
Static Drain-to-Source on-resistance
6.25
8
VGS=10V,ID =70A
11.6
TJ = 125°C
VGS(th)
Gate threshold voltage
2
4
V
VDS = VGS, ID = 250μA
2.24
TJ = 125°C
IDSS
Drain-to-Source leakage current
1
μA
VDS =75V,VGS = 0V
50
TJ = 125°C
IGSS
Gate-to-Source forward leakage
100
nA
VGS =20V
-100
VGS = -20V
Qg
Total gate charge
99.1
nC
ID = 120A,
VDS=60V,
VGS = 10V
Qgs
Gate-to-Source charge
30.8
Qgd
Gate-to-Drain("Miller") charge
38.6
td(on)
Turn-on delay time
22.9
nS
VGS=10V, VDD =35V,
RL=0.5Ω,
RGEN=4.7Ω
ID =70A
tr
Rise time
96.1
td(off)
Turn-Off delay time
58.3
tf
Fall time
95.8
Ciss
Input capacitance
5647
pF
VGS = 0V
VDS = 25V
ƒ = 1MHz
Coss
Output capacitance
1037
Crss
Reverse transfer capacitance
71
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
120
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode)
480
A
V
SD
Diode Forward Voltage
0.96
1.3
V
IS=120A,VGS=0V, TJ = 25°C
trr
Reverse Recovery Time
52.2
nS
TJ = 25°C, IF =120A, di/dt =
100
A/μs
Qrr
Reverse Recovery Charge
105.7
nC


유사한 부품 번호 - SSPL7508

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSPL7508 GOOD-ARK-SSPL7508 Datasheet
1Mb / 7P
   75V N-Channel MOSFET
More results

유사한 설명 - SSPL7508

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com