전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP0610T-G 데이터시트(PDF) 4 Page - Supertex, Inc

부품명 TP0610T-G
상세설명  P-Channel Enhancement Mode Vertical DMOS FETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUTEX [Supertex, Inc]
홈페이지  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP0610T-G 데이터시트(HTML) 4 Page - Supertex, Inc

  TP0610T-G Datasheet HTML 1Page - Supertex, Inc TP0610T-G Datasheet HTML 2Page - Supertex, Inc TP0610T-G Datasheet HTML 3Page - Supertex, Inc TP0610T-G Datasheet HTML 4Page - Supertex, Inc TP0610T-G Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TP0610T
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Typical Performance Curves (cont.)
Gate Drive Dynamic Characteristics
On-Resistance vs. Drain Current
Transfer Characteristics
Capacitance vs. Drain-to-Source Voltage
100
75
50
25
0
0
-10
-20
-30
-40
0
-2.0
-0.4
-0.6
-0.8
-10
-2.0
-1.6
-1.2
-0.8
-0.4
0
-50
0
50
100
150
1.1
1.0
0.9
20
16
12
8.0
4.0
0
1.2
1.1
1.0
0.9
0.8
0.7
-10
-8.0
-6.0
-4.0
-2.0
0
0
0.5
1.0
1.5
2.0
2.5
35 pF
25OC
0
-0.4
-0.8
-1.2
-1.6
-2.0
f = 1.0MHz
1.6
1.4
1.2
1.0
0.8
T
j (
O
C)
I
D (amperes)
BV
DSS Variation with Temperature
V
GS = -4.5V
T
j (
O
C)
V
GS(th) and RDS(ON) Variation with Temperature
V
GS (volts)
V
DS = -25V
V
GS(th) @ -1.0mA
R
DS(ON) @ -10V, -0.5A
C
ISS
C
OSS
C
RSS
Q
G (nanocoulombs)
V
DS (volts)
V
DS = -40V
125 pF
V
DS = -10V
125OC
T
A = -55
O
C
V
GS = -10V
-50
0
50
100
150


유사한 부품 번호 - TP0610T-G

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TP0610T-T1 VISHAY-TP0610T-T1 Datasheet
75Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. H, 05-Jul-04
logo
VBsemi Electronics Co.,...
TP0610T-T1-E3 VBSEMI-TP0610T-T1-E3 Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET
TP0610T-T1-GE3 VBSEMI-TP0610T-T1-GE3 Datasheet
1Mb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

유사한 설명 - TP0610T-G

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
   P-Channel Enhancement Mode Vertical DMOS FETs
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs????
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
   P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
   P- Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com